Electronic Components Datasheet Search
  English  ▼

X  

MPA Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MPA
Description  Metallized Polyester Film Capacitor (Axial and Oval)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MPA Datasheet(HTML) 1 Page - DB Lectro Inc

  MPA Datasheet HTML 1Page - DB Lectro Inc MPA Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPA
Metallized Polyester Film Capacitor (Axial and Oval)
FEATURE
-Non-inductive construction and self-healong
-Low DF and high IR
-High capacitance value available and compact size
APPLICATION
-Coupling decoupling by-passing and timing circuit
-Automatic control sysem,communication equipment
-Charging/discharging lighting noise suppression
and frequency modulation
TECHNOLOGYº
DIELECTRIC
Polypropylene film
ELECTRODES
Vacuum evaporated metal
COATING
Out wrapped with Mylar tape and ends sealed with epoxy resin
LEADS
Axial leads of tinned wire
REFERENCE
STANDARD
IEC 384-2grade I
CLIMATIC
CATALOGUE
-40°C +85°C
CAPACITANCE
VERSUS
RATED
VOLTAGE(UR)
100VDC 0.01µF-6.8µF
250VDC 0.01µF-6.8µF
400VDC 0.01µF-1.5µF
630VDC 0.01µF-1.0µF
CAPACITANCE
TOLERANCE
M= ±20%
K= ±10%
J= ±5%
DISSIPATION
FACTOR
(TANGENT OF
LOSS)
DF<0.10%
(at 20°C 1KHz)
VOLTAGE PROOF
1.4*UR
(1 minute at 20°C)
INSULATION
RESISTANCE
C0.33µF
C<0.33µF
IR>15000M
Ω
C>0.33µF IR*C>5000M
Ω
(1minute at 20°C and RH<65%)
ENDURANCE
1000 hours with 125% of rated voltage at 85°C.After the test:
C/C<5%
DF<0.04%
C<0.33µF, IR>7500M
Ω
C>0.33µF,IR*C>2500M
Ω (20°C 1KHz)
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - MPA

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MPA-05D03NP MULTICOMP-MPA-05D03NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D05NP MULTICOMP-MPA-05D05NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D12NP MULTICOMP-MPA-05D12NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D15NP MULTICOMP-MPA-05D15NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
MPA-05D24NP MULTICOMP-MPA-05D24NP Datasheet
434Kb / 5P
Isolated DC to DC Converters Dual Output
05/08/25 V1.0
More results

Similar Description - MPA

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPC DBLECTRO-MPC Datasheet
178Kb / 2P
Metallized Polyester Film Capacitor (Axial and Oval)
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
Metallized Polyester Film Capacitor MKT Axial Type
06-Oct-08
logo
Suntan Capacitors
TS04A SUNTAN-TS04A Datasheet
330Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B Datasheet
459Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
logo
Suntan Capacitors
TS04A SUNTAN-TS04A_17 Datasheet
362Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
TS04B SUNTAN-TS04B_17 Datasheet
468Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR - AXIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com