Electronic Components Datasheet Search
  English  ▼

X  

WED2ZLRSP01S38BC Datasheet(PDF) 13 Page - White Electronic Designs Corporation

Part # WED2ZLRSP01S38BC
Description  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S38BC Datasheet(HTML) 13 Page - White Electronic Designs Corporation

Back Button WED2ZLRSP01S38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 9Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 10Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 11Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 12Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Part Number
Configuration
tCD
(ns)
Clock
(MHz)
Operating
Range
Temperature
Range
WED2ZLRSP01S35BC
512K x 32/256K x 32
3.5
166
Commercial
0° - 70° C
WED2ZLRSP01S38BC
512K x 32/256K x 32
3.8
150
Commercial
0° - 70°C
WED2ZLRSP01S42BC
512K x 32/256K x 32
4.2
133
Commercial
0° - 70°C
WED2ZLRSP01S50BC
512K x 32/256K x 32
5.0
100
Commercial
0° - 70°C
WED2ZLRSP01S38BI
512K x 32/256K x 32
3.8
150
Industrial
-40° - 85°C
WED2ZLRSP01S42BI
512K x 32/256K x 32
4.2
133
Industrial
-40° - 85°C
WED2ZLRSP01S50BI
512K x 32/256K x 32
5.0
100
Industrial
-40° - 85°C
PACKAGE DIMENSION: 153 BUMP PBGA
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
ORDERING INFORMATION
NOTE: Ball attach pad for above BGA package is 620 microns in diameter. Pad is solder mask defined.
17.00
23.00
3.50
10.00
1.00
18.00
2.5
.60 ± .050
0.50 ± 10
2.33 Max
Commercial Temp Range (0°C to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com