Electronic Components Datasheet Search
  English  ▼

X  

74HC11 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC11
Description  Triple 3-input AND gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC11 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC11 Datasheet HTML 1Page - NXP Semiconductors 74HC11 Datasheet HTML 2Page - NXP Semiconductors 74HC11 Datasheet HTML 3Page - NXP Semiconductors 74HC11 Datasheet HTML 4Page - NXP Semiconductors 74HC11 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
December 1990
5
Philips Semiconductors
Product specification
Triple 3-input AND gate
74HC/HCT11
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
‘To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
INPUT
UNIT LOAD COEFFICIENT
nA, nB, nC
1.00
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nA, nB, nC to nY
16
24
30
36
ns
4.5
Fig.6
tTHL/ tTLH
output transition
times
7
15
19
22
ns
4.5
Fig.6
Fig.6
Waveforms showing the input (nA, nB, nC) to output (nY) propagation delays and the output transition
times.
(1) HC : VM = 50%; VI = GND to VCC
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com