Electronic Components Datasheet Search
  English  ▼

X  

74HC11 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC11
Description  Triple 3-input AND gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC11 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC11 Datasheet HTML 1Page - NXP Semiconductors 74HC11 Datasheet HTML 2Page - NXP Semiconductors 74HC11 Datasheet HTML 3Page - NXP Semiconductors 74HC11 Datasheet HTML 4Page - NXP Semiconductors 74HC11 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
December 1990
3
Philips Semiconductors
Product specification
Triple 3-input AND gate
74HC/HCT11
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 3, 9
1A to 3A
data inputs
2, 4, 10
1B to 3B
data inputs
7
GND
ground (0 V)
12, 6, 8
1Y to 3Y
data outputs
13, 5, 11
1C to 3C
data inputs
14
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
Fig.5 Logic diagram (one gate).
FUNCTION TABLE
Notes
1. H = HIGH voltage level
L = LOW voltage level
INPUTS
OUTPUT
nA
nB
nC
nY
LLL
L
LL
H
L
LHL
L
LH
H
L
HL
L
L
HLH
L
HH
L
L
HHH
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com