Electronic Components Datasheet Search
  English  ▼

X  

WMF2M8-150DAM5 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WMF2M8-150DAM5
Description  2Mx8 MONOLITHIC FLASH, SMD 5962-97609
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF2M8-150DAM5 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WMF2M8-150DAM5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF2M8-XXX5
May 2004
Rev. 6
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
Parameter
Symbol Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
00
0
V
Input High Voltage
VIH
2.0
-
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
-
+0.8
V
Operating Temperature (Mil.)
TA
-55
-
+125
°C
Operating Temperature (Ind.)
TA
-40
-
+85
°C
DC CHARACTERISTICS — CMOS COMPATIBLE
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
NOTES:
1. The Icc current listed includes both the DC operating current and the frequency
dependent component (@ 5MHz). The frequency component typically is less than
2mA/MHz, with OE# at VIH.
2. Icc active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions VIL = 0.3V, VIH = VCC - 0.3V
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
Address Input capacitance
CAD
VI/O = 0 V, f = 1.0MHz
12
pF
Output Enable capacitance
COE
VIN = 0 V, f = 1.0MHz
12
pF
Write Enable capacitance
CWE
VIN = 0 V, f = 1.0MHz
12
pF
Chip Select capacitance
CCS
VIN = 0 V, f = 1.0MHz
12
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0MHz
12
pF
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
VCC = 5.5, VIN = GND to VCC
10
µA
VCC Active Current for Read (1)
ICC1
CS# = VIL, OE# = VIH, f = 5MHz
40
mA
VCC Active Current for Program or Erase (2)
ICC2
CS# = VIL, OE# = VIH
60
mA
VCC Standby Current
ICC3
VCC = 5.5, CS# = VIH, f = 5MHz, RESET# = Vcc ± 0.3V
2.0
mA
Output Low Voltage
VOL
IOL = 12.0 mA, VCC = 4.5
0.45
V
Output High Voltage
VOH
IOH = -2.5 mA, VCC = 4.5
0.85xVCC
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to VSS
VT
-2.0 to +7.0
V
Power Dissipation
PT
8W
Storage Temperature
TSTG
-65 to +125
°C
Short Circuit Output Current
IOS
100
mA
Endurance - Write/Erase Cycles (Mil Temp)
100,000 min cycles
Data Retention (Mil Temp)
20
years
This parameter is guaranteed by design but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com