Electronic Components Datasheet Search
  English  ▼

X  

WMF2M8-150DAM5 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WMF2M8-150DAM5
Description  2Mx8 MONOLITHIC FLASH, SMD 5962-97609
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF2M8-150DAM5 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WMF2M8-150DAM5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF2M8-150DAM5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WMF2M8-XXX5
May 2004
Rev. 6
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS – WE# CONTROLLED
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
000
ns
Write Enable Pulse Width
tWLWH
tWP
45
50
50
ns
Address Setup Time
tAVWL
tAS
000
ns
Data Setup Time
tDVWH
tDS
45
50
50
ns
Data Hold Time
tWHDX
tDH
000
ns
Address Hold Time
tWLAX
tAH
45
50
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
µs
Sector Erase (2)
tWHWH2
15
15
15
sec
Read Recovery Time before Write
tGHWL
000
µs
VCC Setup Time
tVCS
50
50
50
µs
Chip Programming Time
44
44
44
sec
Chip Erase Time (3)
256
256
256
sec
Output Enable Hold Time (4)
tOEH
10
10
10
ns
RESET# Pulse Width
tRP
500
500
500
ns
NOTES:
1. Typical value for tWHWH1 is 7µs.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase Time is 32sec.
4. For Toggle and Data Polling.
AC CHARACTERISTICS – READ-ONLY OPERATIONS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
90
120
150
ns
Address Access Time
tAVQV
tACC
90
120
150
ns
Chip Select Access Time
tELQV
tCE
90
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
40
50
55
ns
Output Enable Hold Time
Read
Toggle &
tOEH
000
ns
10
10
10
ns
Data Polling
Chip Select High to Output High Z (1)
tEHQZ
tDF
20
30
35
ns
Output Enable High to Output High Z (1)
tGHQZ
tDF
20
30
35
ns
Output Hold from Addresses, CS# or OE# Change,
whichever is First
tAXQX
tOH
000
ns
RESET# Low to Read Mode (1)
tReady
20
20
20
µs
1. Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com