Electronic Components Datasheet Search
  English  ▼

X  

V3020TP8B Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # V3020TP8B
Description  Ultra Low Power 1-Bit 32 kHz RTC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020TP8B Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  V3020TP8B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3020TP8B Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
The V3020 will run slightly too fast, in order to allow the
user to adjust the frequency, depending on the mean
operating temperature. This is made since the crystal
adjustment can only work by lowering the frequency with
an added capacitor between XO and VSS. The printed
circuit
capacitance
has
also
to
be
taken
into
consideration. The V3020 in DIL 8 package, running with
an 8.2 pF crystal at room temperature, will be adjusted to
better
than
±1s/day
with
a
6.8
pF
capacitor.
Typical Standby Current at VDD = 3V
Fig. 3a
Typical Standby Current at VDD = 3V and Extended Temperature
Fig. 3b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com