Electronic Components Datasheet Search
  English  ▼

X  

74HC161 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC161 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC161 Datasheet HTML 4Page - NXP Semiconductors 74HC161 Datasheet HTML 5Page - NXP Semiconductors 74HC161 Datasheet HTML 6Page - NXP Semiconductors 74HC161 Datasheet HTML 7Page - NXP Semiconductors 74HC161 Datasheet HTML 8Page - NXP Semiconductors 74HC161 Datasheet HTML 9Page - NXP Semiconductors 74HC161 Datasheet HTML 10Page - NXP Semiconductors 74HC161 Datasheet HTML 11Page - NXP Semiconductors 74HC161 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
December 1990
11
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
AC WAVEFORMS
Fig.8
Waveforms showing the clock (CP) to outputs (Qn, TC) propagation delays, the clock pulse width, the
output transition times and the maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the master reset (MR) pulse width, the master reset to output (Qn, TC) propagation
delays and the master reset to clock (CP) removal time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.10 Waveforms showing the input (CET) to output (TC) propagation delays and output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com