Electronic Components Datasheet Search
  English  ▼

X  

V3023 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # V3023
Description  Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3023 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button V3023 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
R
V3023
Copyright © 2004, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
How to Determine the Digital Trimming Value
The value to write into the digital trimming register has to
be determined by the following procedure:
1. Initialise the V3023 by writing a 1 and then a 0 into the
"Initialisation Bit" of the status register 2 (addr. 02 hex,
bit 4). This activates the frequency tuning mode in
status register 0 (addr. 00 hex, bit 1) and clears the
other status bits.
2. Write the value 00 hex into the digital trimming register
(addr 10 hex).
From now, the IRQ output (open
drain) will deliver the 100 Hz signal, which has a 20%
duty cycle.
3. Measure the duration of 21 pulses at the IRQ output,
with the trigger set for the falling edge. It is possible
also to divide the IRQ frequency by 21, using a TTL
or CMOS external circuit.
4. Compute the frequency error in ppm:
freq. error =
210ms
ms
in
value
measured
210ms
−
x 10
6
5. Compute the corrective value to write into the digital
trimming register.
Digital trimming value = frequency error / 0.984
6. Write this value into the digital trimming register.
7. Switch off the frequency tuning mode in status 0 (addr.
00 hex, bit 0 set to 0).
The Real Time Clock circuit will now run accurately at an
operating
temperature
equal
to
the
calibration
temperature. If the operating temperature differs from the
one at calibration time, the graphs shown on Fig. 4 and 5
will help in determining the definitive value. If the mean
operating temperature of the equipment is not known at
calibration time, the equipment user will do the final
correction with a software provided by the system
designer. To avoid the calibration procedure, it is possible
also to set the digital trimming register to 210 (D2 hex) as
a standard starting value, and let the final equipment user
perform the final adjustment on site, which will take the
real temperature into account.
Time Correction at Room Temperature
Let us consider that the duration of 21 pulses of the IRQ
signal is 209.97 ms at room temperature.
The frequency error is:
(210 – 209.97) / 210 x 1E + 06 = 142.857 ppm
The value for the digital trimming register is:
142.857 / 0.984 = 145.18, rounded up to 145 ppm (91
hex)
Time Correction with Change of Temperature
If the mean temperature on site is known to be 45°C, the
frequency error determined at room temperature has to be
modified using the graphs or the equation of Fig. 5
∆f/f = -0.038 x (45-25)
2 = 15.2 ppm
The trimming value for 45°C will be:
(142.857 ppm – 15.2 ppm) / 0.984 = 129.73, rounded to
130 (82 hex)
12 / 24 Hour Data Format
The V3023 can run in 12 hour data format.
On
initialisation the 12/24 hour bit addr. 00 bit 4 is cleared
putting the V3023 in 24 hour data format. If the 12 hour
data format is required then bit 4 at addr. 00 must be set.
In the 12 hour data format the AM/PM indicator is the
MSB of the hours register addr. 23 bit 7.
A set bit
indicates PM. When reading the hours in the 12 hour
data format software should mask the MSB of the hours
register. In the 24 hour data format the MSB is always
zero.
The internal clock registers change automatically between
12 and 24 hour mode when the 24/12 hour bit is changed.
The alarm hours however must be rewritten.
Test
From the various test features added to the V3023 some
may be activated by the user. Table 6 shows the test bits.
Table 10 shows the three available modes and how they
may be activated.
The first accelerates the incrementing of the parameters
in the reserved clock and timer area by 32.
The second causes all clock and timer parameters, in the
reserved clock and timer area, to be incremented in
parallel at 100 Hz with no carry over, ie. independently of
each other.
The third test mode combines the previous two resulting
in parallel incrementing at 3.2 kHz.
While test bit 1 is set (addr. 00 hex, bit 7) the digital
trimming action is disabled and no pulses are removed
from the divider chain. Test bit 0 (addr. 00 hex, bit 6) can
be combined with digital trimming (see section "Frequency
Tuning").
To leave test, the test bits (addr 00 hex, bits 6 and 7) must
be cleared by software. Test corrupts the clock and timer
parameters and so all parameters should be re-initialised
after a test session.
Test Modes
Addr.
00hex bit 7
Addr.
00hex bit 6
Function
0
0
Normal operation
0
1
Acceleration by 32
1
0
Parallel increment of all clock
and timer parameters at 100
Hz
with
no
carry
over;
dependent on the status of bit
3 at address 00 hex
1
1
Parallel increment of all clock
and timer parameters at 3.2
kHz
with
no
carry
over;
dependent on the status of bit
3 at address 00 hex
Table 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com