Electronic Components Datasheet Search
  English  ▼

X  

V3023 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # V3023
Description  Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3023 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  V3023 Datasheet HTML 1Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3023 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
R
V3023
Copyright © 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum voltage at VDD
VDDmax
VSS + 7.0V
Max. voltage at remaining pins Vmax
VDD + 0.3V
Min. voltage on all pins
Vmin
VSS – 0.3V
Maximum storage temperature TSTOmax
+125°C
Minimum storage temperature TSTOmin
-55°C
Maximum electrostatic
discharge to MIL-STD-883C
method 3015.7 with ref. to VSS
VSmax
1000V
Maximum soldering conditions TSmax
250°C x 10s
Shock resistance
5000 g.
0.3ms, ½ sine
Table 1
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating temperature
TA
-40
+85
°C
Logic supply voltage
VDD
2.0
5.0
5.5
V
Supply voltage dv/dt
(power-up & down)
dv/dt
6
V/µs
Decoupling capacitor
100
nF
Table 2
Electrical Characteristics
VDD= 5.0V ±10%, VSS = 0V, TA=-40 to +85°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Standby current (note 1)
IDD
VDD = 3 V, PF = 0
VDD = 5 V, PF = 0
1.2
2
10
15
µA
µA
Dynamic current (note 2)
IDD
CS
= 4 MHz, RD = VSS
WR
= VDD
1.5
mA
IRQ
(open drain)
Output low voltage
VOL
IOL = 8 mA
0.4
V
Output low voltage
VOL
IOL = 1 mA, VDD = 2 V
0.4
V
Inputs and Outputs
Input logic low
VIL
TA = +25°C
0.2 VDD
V
Input logic high
VIH
TA = +25°C
0.8 VDD
V
Output logic low
VOL
IOL = 6 mA
0.4
V
Output logic high
VOH
IOH = 6 mA
2.4
V
PF
activation voltage
VPFL
0.5 VDD
V
PF
hysteresis
VH
TA = +25°C
100
mV
Pullup on SYNC
ILS
VILS = 0.8 V
20
µA
Input leakage
IIN
VSS < VIN < VDD
10
1000
nA
Output tri-state leakage
ITS
CS
= 1
10
1000
nA
Oscillator Characteristics
Starting voltage
VSTA
TA ≥ +25°C
2
V
VSTA
2.5
V
Frequency Characteristics
Start-up time
TSTA
1
s
Frequency tolerance
∆f/f
TA = +25°C addr. 10 hex = 00 hex
150
210
(note 4)
251
ppm
Frequency stability
fsta
2.0 ≤ VDD ≤ 5.5 V (note 3)
1
5
ppm/V
Temperature stability
tsta
addr. 10 hex = 00 hex
see Fig.5
ppm
Aging
tag
TA = +25°C, first year
±5
ppm/year
Table 3
Note 1
: With PFO = 0 (VSS) all I/O pads can be tri-state, tested.
With PFO = 1 (VDD), CS = 1 (VDD) and all other I/O pads fixed to VDD or VSS: same standby current, not tested.
Note 2
: All other inputs to VDD and all outputs open.
Note 3
: At a give temperature.
Note 4
: See Fig. 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com