Electronic Components Datasheet Search
  English  ▼

X  

V6116 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # V6116
Description  Digitally Programmable 2, 4 and 8 Mux LCD Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6116 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button V6116 Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 8Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V6116 Datasheet HTML 15Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
R
V6116
Copyright
© 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Enhancing Switching from the V6116
Bias Configuration for Large LCD
Temperature compensation/
Contrast adjustment
C = 1µF
Rx is given by the formula
Rx = 4(24 k
Ω) ((VDISP/VLCD)-1)
Large LCD example:
VOP = 5V, average pixel active area = up to 10'000 mm
2,
display refresh rate = 64 Hz
For a single V6116 mux mode 4 driving of such an LCD,
the voltage follower buffer (opamp) requirement is:
peak current 1.8 mA
steady state current typically 150 µA
Fig. 13
Fig. 14
LCD Blank with External Resistor Divider Bias Generation (only available for the V6116 060)
Fig. 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com