Electronic Components Datasheet Search
  English  ▼

X  

74HC162 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC162
Description  Presettable synchronous BCD decade counter; synchronous reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC162 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC162 Datasheet HTML 3Page - NXP Semiconductors 74HC162 Datasheet HTML 4Page - NXP Semiconductors 74HC162 Datasheet HTML 5Page - NXP Semiconductors 74HC162 Datasheet HTML 6Page - NXP Semiconductors 74HC162 Datasheet HTML 7Page - NXP Semiconductors 74HC162 Datasheet HTML 8Page - NXP Semiconductors 74HC162 Datasheet HTML 9Page - NXP Semiconductors 74HC162 Datasheet HTML 10Page - NXP Semiconductors 74HC162 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 1990
9
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
counter; synchronous reset
74HC/HCT162
AC CHARACTERISTICS FOR HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40
to
+125
min.
typ.
max. min.
max.
min. max.
tPHL/ tPLH
propagation delay
CP to Qn
24
43
54
65
ns
4.5
Fig.8
tPHL
propagation delay
CP to TC
30
51
64
77
ns
4.5
Fig.8
tPLH
propagation delay
CP to TC
22
45
56
68
ns
4.5
Fig.8
tPHL
propagation delay
CET to TC
18
35
44
53
ns
4.5
Fig.9
tPLH
propagation delay
CET to TC
12
24
30
36
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 8 and 9
tW
clock pulse width
HIGH or LOW
16
7
20
24
ns
4.5
Fig.8
tsu
set-up time
Dn to CP
20
9
25
30
ns
4.5
Fig.9
tsu
set-up time
PE to CP
35
16
44
53
ns
4.5
Fig.9
tsu
set-up time
CEP, CET to CP
40
23
50
60
ns
4.5
Fig.12
tsu
set-up time
MR to CP
20
12
25
30
ns
4.5
Fig.11
th
hold time
Dn, PE, CEP,
CET, MR to CP
0
−10
0
0
ns
4.5
Figs 9, 11 and 12
fmax
maximum clock
pulse frequency
17
29
14
11
MHz
4.5
Fig.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com