Electronic Components Datasheet Search
  English  ▼

X  

QSFP28 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QSFP28
Description  100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSFP28 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QSFP28 Datasheet HTML 1Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 2Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 3Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 4Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Case Operating Temperature
TA
0
70
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%
Receiver Damage Threshold, per Lane
PRdmg
3.4
dBm
Electrical Characteristics (EOL, TOP = 0 to 70C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
Supply Voltage
Vcc
3.135
3.465
V
Supply Current
Icc
800
mA
Module total power
P
2.5
W
Transmitter Section:
Signaling rate per lane
25.78125 ± 100ppm
Gb/s
Differential pk-pk input voltage
tolerance
Vin,pp,diff
900
mV
Single-ended voltage tolerance
Vin,pp
-0.35
+3.3
V
Module stress input test
Per Section 83E.3.4.1, IEEE
802.3bm
V
Receiver Section:
Signaling rate per lane
25.78125 ± 100ppm
V
Differential data output swing
Vout,pp
100
400
mVpp
300
600
400
600
800
600
1200
Eye width
0.57
UI
Eye height, differential
228
mV
Vertical eye closure
VEC
5.5
dB
Transition time (20% to 80%)
tr, tf
12
ps
Optical Characteristics (EOL, TOP = 0 to 70C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
Transmitter Section:
Signaling Speed per Lane
25.78125 ± 100ppm
Gb/s
1
Center Wavelength
λt
840
850
860
nm
RMS spectral width
△λ
0.6
nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com