Electronic Components Datasheet Search
  English  ▼

X  

QSFP28 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QSFP28
Description  100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSFP28 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QSFP28 Datasheet HTML 1Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 2Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 3Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 4Page - List of Unclassifed Manufacturers QSFP28 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
Parameter
Symbol
Min.
Typical Max.
Unit
Bit Rate (all wavelengths combined)
BR
103.1
Gb/s
Bit Error Ratio (pre-FEC)
BER
5x10-5
Maximum Supported Distances
Fiber Type
OM3 MMF
Lmax1
70
m
OM4 MMF
Lmax2
100
m
Pin Assignment:
Digital Diagnostics Functions
The QSFP28 transceivers support the I2C-based diagnostics interface specified by the QSFP28
MSA.
Memory Contents
Per the QSFP28 MSA.
Mechanical Specifications
Per the QSFP28 MSA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com