Electronic Components Datasheet Search
  English  ▼

X  

EM6505 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6505
Description  This board contains the different MFP?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6505 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6505 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
USER AREA
Free user area (2.54 mm and 1.27 mm) with power lines (GND and VDD_IN)
S1
Reset Push-Button
S2…S5
4 Push-Buttons connected to PA0-PA3 through DIP1 1-4 switches
S6
Appli <=> program selection for ISP or program operation mode on EM6580
DS1
Low-power red led connected to EXT_VDD
DS2…DS5
4 Low-power red leds connected to PB0-PB3 through DIP1 [8:5] switches
BUZ1/BUZ2
Buzzers connected to PB0 through DIP2-10 switches
DIP1 [4:1]
Switches S1 to S4 are used to connect switches (S2-S5) on (PA0-PA3)
DIP1 [8:5]
Switches S5 to S8 are used to connect LED (DS2-DS5) on (PB0-PB3)
BT1
Battery socket (2032)
U1, U6, U8, U9
Footprint for the MCU device, only one per board
U7
Footprint for SO6 for example DS1626 temperature sensor, not mounted
CP1
In-System-Programming connector for EM6503, 04, 17, 20, 21, 22 and 40 using EMDB65xx
CP2
In-System-Programming connector for EM6580 using smartprog programmer
CP3
In-System-Programming connector for EM6503, 04, 17, 20, 21, 22 and 40 using smartprog
P1
Input for VDD external connection
P2
Input for VSS external connection
JP1
Port A, user connector
JP2
Port B, user connector
JP3
Port C, user connector
JP4
Port D, user connector
JP5
Port E, user connector
JP6
Port A, user connector
JP7
Port B, user connector
JP8
Port C, user connector
JP9
Port D, user connector
JP10
Port E, user connector
JP11
Port E, user connector
JP12
Power supply selection if 1-2 = external supply if 3-4 = Vbat supply
JP13
Power supply for MCU only must be precent to supply it
JP14
Power supply for user area only must be precent to supply it
JP15
Buzzer Connection selection jumper
JP16
External Pull up/down selection for PA[3:0]
JP17
Switch level selection as VDD or VSS (S2-S5)
Q1
optional BC238 for more current on buzzer, not mounted
3.
MFP PACKAGES
Refer to the EM65xx/EM66xx datasheets.
MCU
6503
6504
6517
6520
6521
6522
6540
6580
Package
SO24
SO24
SO28
TQFP44
TQFP52
TQFP64
SO18
SO14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com