Electronic Components Datasheet Search
  English  ▼

X  

EM6505 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6505
Description  This board contains the different MFP?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6505 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

  EM6505 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
8.
PORT A PULL-UP/DOWN SELECTION
For each microcontroller type it’s possible to add an external Pull-Up/Down Resistor on the input port A, by
using the specific JP16 Jumpers. (See following table for correct configuration)
Port I/O
Pull-Up
Pull-Down
PA0
JP16 1-2
JP16 3-4
PA1
JP16 5-6
JP16 7-8
PA2
JP16 9-10
JP16 11-12
PA3
JP16 13-14
JP16 15-16
9.
PORT A SWITCHES CONNECTION
Each switches [S2 :S5] are bitwise configurable by using the DIP1 switches [1:4] for connecting or
disconnecting the S switches.(ON position = switch connected)
Polarity selections of the S switches are done by using the specific JP17 jumper. (See following table for
correct configuration)
Switches
Pull-Up
Pull-Down
S2 or PA0 SW
JP17 1-2
JP17 3-4
S3 or PA1 SW
JP17 5-6
JP17 7-8
S4 or PA2 SW
JP17 9-10
JP17 11-12
S5 or PA3 SW
JP17 13-14
JP17 15-16
10.
PORT B LED CONNECTION
It’s Possible to connect or disconnect separately the LED DS[2:5] from the output PB[0:3] by using the DP1
switches [5:8] .(ON position = LED connected)
10.1
LED CONNECTION SELECTION
It’s possible to connect the LED on the Port PA[3:0] when the EM6580 is used.
The following table defines the possible configuration:
Resistor
LED Connected to
R9
PB[0]
R10
PB[1]
R11
PB[2]
R12
PB[3]
R13
PA[0]
R14
PA[1]
R15
PA[2]
R16
PA[3]
11.
HOW TO CONNECT THE BUZZER
The dedicated JP15 connector is used to select directly which Output Pad is used as buzzer output.
The following table defines the possible configuration:
Devices
Buzzer Output
PB0 Output
PA0
PA1
EM6505/21/22
JP15 2-4
JP15 4-6
Input only
Input only
EM6503/17/40
No Buzzer Output
JP15 4-6
Input only
Input only
EM6580
No Buzzer Output
PA4 input only
JP15 1-3
JP15 3-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com