Electronic Components Datasheet Search
  English  ▼

X  

IT7321 Datasheet(PDF) 1 Page - ITECH ELECTRONIC CO.,LTD.

Part # IT7321
Description  IT7300 Programmable AC Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.

IT7321 Datasheet(HTML) 1 Page - ITECH ELECTRONIC CO.,LTD.

  IT7321 Datasheet HTML 1Page - ITECH ELECTRONIC CO.,LTD. IT7321 Datasheet HTML 2Page - ITECH ELECTRONIC CO.,LTD. IT7321 Datasheet HTML 3Page - ITECH ELECTRONIC CO.,LTD. IT7321 Datasheet HTML 4Page - ITECH ELECTRONIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
29/Formoreinformation,pleasevisitITECHofficialwebsite
www.itechate.com
ITECH ELECTRONICS
Your Power Testing Solution
IT7300 Programmable AC Power Supply
IT7300 Programmable AC
Power Supply
Motor industry, Illumination, Aviation, Military, Lab testing, Production line test, etc.
Applications
IT7321 sets up the new standard for high
performance AC power source. It equips with all
powerful features such as power line
disturbance (PLD) simulation, Dimmer and
comprehensive measurement functions. IT7321
has built-in RS232 / USB / LAN communication
interface. They can be applied to commercial,
power electronics and military test applications
from bench-top testing to mass production.
Normally, when test AC products, a power meter
is needed to connect between AC power supply
and DUT in series. Since power meter is built-in
in IT7321, users don't need to connect an extra
power meter. It is not only easy for test, but also
save cost.
Precision Linear amplification technology, low noise, high stability
High power density design, 300VA for ½ 2U, save installation space
Adjustable frequency:45HZ-500HZ
Adjustable phase angle: 0-360°
Set the output slew rate of voltage and frequency
High current crest factor for inrush current testing
TRIAC Dimmer dimming / governor simulation function
Output the changed synchronous TTL signal
LIST mode for testing power perturbation (PLD) simulation
Simulate the surge, trap waveform
Voltage dip, short interruption and voltage change simulation
Measure various electrical parameters, including RMS voltage /
current, actual power, power factor, VA (apparent power), peak
current and other parameters
Measurement resolution can reach 0.01W / 0.1mA, meet
Energy Star standard requirement
Built-in RS-232, USB and LAN (support SCPI protocol)
OCP,OVP,OTP,OPP
Feature
“AC power supply” + “Power meter”
Model
Specification
IT7321
300V/3A/300VA


Similar Part No. - IT7321

ManufacturerPart #DatasheetDescription
logo
ITE Tech.Inc.
IT7001M ITE-IT7001M Datasheet
218Kb / 24P
Programmable 8-Bit Binary Counter with Synchronous Preset Enable
IT7001N ITE-IT7001N Datasheet
218Kb / 24P
Programmable 8-Bit Binary Counter with Synchronous Preset Enable
logo
List of Unclassifed Man...
IT750DBU-4H ETC-IT750DBU-4H Datasheet
114Kb / 1P
Dynamic Braking Unit
More results

Similar Description - IT7321

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556AC ELANTEC-EL7556AC Datasheet
248Kb / 13P
Programmable CPU Power Supply Unit
logo
Extech Instruments Corp...
382280 EXTECH-382280 Datasheet
158Kb / 10P
Programmable DC Power Supply
logo
Good Will Instrument Co...
PSS-2005 GWINSTEK-PSS-2005 Datasheet
159Kb / 1P
PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
B&K Precision Corporati...
9800 BK-9800 Datasheet
2Mb / 5P
Programmable AC Power Sources
1655A BK-1655A Datasheet
322Kb / 1P
AC Power Supply
9830B BK-9830B Datasheet
3Mb / 7P
Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
Programmable AC Power Source
logo
Pepperl+Fuchs Inc.
PSU1100-J1-AC-N0 PF-PSU1100-J1-AC-N0 Datasheet
519Kb / 3P
AC Power Supply
PSU1200-J2-AC-N0 PF-PSU1200-J2-AC-N0 Datasheet
519Kb / 3P
AC Power Supply
logo
COTEK ELECTRONIC IND. C...
AD-1500-LV COTEK-AD-1500-LV Datasheet
1Mb / 6P
1500W Programmable Digital Power Supply
2022.04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com