Electronic Components Datasheet Search
  English  ▼

X  

IT7321 Datasheet(PDF) 2 Page - ITECH ELECTRONIC CO.,LTD.

Part # IT7321
Description  IT7300 Programmable AC Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.

IT7321 Datasheet(HTML) 2 Page - ITECH ELECTRONIC CO.,LTD.

  IT7321 Datasheet HTML 1Page - ITECH ELECTRONIC CO.,LTD. IT7321 Datasheet HTML 2Page - ITECH ELECTRONIC CO.,LTD. IT7321 Datasheet HTML 3Page - ITECH ELECTRONIC CO.,LTD. IT7321 Datasheet HTML 4Page - ITECH ELECTRONIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
/30
For more information, please visit ITECH official website
www.itechate.com
ITECH ELECTRONICS
Your Power Testing Solution
IT7300 Programmable AC Power Supply
IT7321 AC source adopts latest linear technology which greatly
reduces the output noise and ensures high working stability. Because
of the lower ripple index, this AC source can assist user to get a more
precision measuring result.
Linear Amplifier Technology
IT7321 AC source uses advanced DSP circuit to get higher precision
and high-speed measurement for true RMS voltage, true RMS
current, true power, frequency, power factor and peak value. In
addition, its high resolution 0.01W/0.1mA extends the application for
Energy Star testing standard. IT7321 is not only an AC source, but
also a powerful meter.
Multi-function & High Precision
Measurement
IT7321 provides powerful functions to simulate
all kinds of power line disturbance conditions.
The STEP and PULSE modes offer a method to
execute a single step or continuous output
changes. The LIST Mode, up to 100 sequences,
extends this function for more complex
waveform generator needs. In this way, IT7321
is capable of simulating all sorts of voltage dips,
surge or trapped wave. The IT7321 enables
users to perform the pre - compliance tests
against IEC 61000-4-11 and compliance test
against IEC 61000-4-14/-4-28 immunity test
regulations.
Power Line Disturbance
Simulation Function
User can set the start and stop phase angle within range of 0~360°.
This function is widely used for startup and shutdown current impact
test or various rectifier performance tests.
Adjustable Phase Angle
An easy-to use rotary knob and self-guiding keypads allow you to set
the output at your desired value without any effort. In addition, IT7321
AC source has built-in RS232/USB/LAN interface, providing customer
high speed and stable communication quality.
Built-in Communication Interface
Step Mode
Pulse Mode
List Mode
Surge Waveform
Trap Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com