Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 143Page - Microchip Technology PIC16F15213 Datasheet HTML 144Page - Microchip Technology PIC16F15213 Datasheet HTML 145Page - Microchip Technology PIC16F15213 Datasheet HTML 146Page - Microchip Technology PIC16F15213 Datasheet HTML 147Page - Microchip Technology PIC16F15213 Datasheet HTML 148Page - Microchip Technology PIC16F15213 Datasheet HTML 149Page - Microchip Technology PIC16F15213 Datasheet HTML 150Page - Microchip Technology PIC16F15213 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 439 page
background image
18.
PPS - Peripheral Pin Select Module
18.1
Overview
The Peripheral Pin Select (PPS) module connects peripheral inputs and outputs to the device I/O pins. Only digital
signals are included in the selections.
Important:  All analog inputs and outputs remain fixed to their assigned pins and cannot be changed
through PPS.
Input and output selections are independent as shown in the figure below.
Figure 18-1. PPS Block Diagram
Filename:
PPS Block Diagram.vsdx
Title:
Last Edit:
3/26/2019
First Used:
Notes:
Rev. PP S B lock
3/26/2019
xyzPPS
abcPPS
Peripheral xyz
Peripheral abc
RA0PPS
RxyPPS
Input selections
Rxy
RA0
RA0
Rxy
Output selections
18.2
PPS Inputs
Each digital peripheral has a dedicated PPS Peripheral Input Selection (xxxPPS) register with which the input pin to
the peripheral is selected. Devices that have 20 leads or less (8/14/16/20) allow PPS routing to any I/O pin, while
devices with 28 leads or more allow PPS routing to I/Os contained within two ports (see the table below).
Important:  The notation “xxx” in the generic register name is a placeholder for the peripheral identifier.
For example, xxx = T0CKI for the T0CKIPPS register.
Multiple peripherals can operate from the same source simultaneously. Port reads always return the pin level
regardless of peripheral PPS selection. If a pin also has analog functions associated, the ANSEL bit for that pin must
be cleared to enable the digital input buffer.
PIC16F15213/14/23/24/43/44
PPS - Peripheral Pin Select Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com