Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 144Page - Microchip Technology PIC16F15213 Datasheet HTML 145Page - Microchip Technology PIC16F15213 Datasheet HTML 146Page - Microchip Technology PIC16F15213 Datasheet HTML 147Page - Microchip Technology PIC16F15213 Datasheet HTML 148Page - Microchip Technology PIC16F15213 Datasheet HTML 149Page - Microchip Technology PIC16F15213 Datasheet HTML 150Page - Microchip Technology PIC16F15213 Datasheet HTML 151Page - Microchip Technology PIC16F15213 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 439 page
background image
Table 18-1. PPS Input Selection Table
Peripheral
PPS Input Register
Default Pin Selection at POR
8-Pin Devices
14/16-Pin Devices
20-Pin Devices
External Interrupt
INTPPS
RA2
Timer0 Clock
T0CKIPPS
RA2
Timer1 Clock
T1CKIPPS
RA5
Timer1 Gate
T1GPPS
RA4
Timer2 Input
T2INPPS
RA5
CCP1
CCP1PPS
RA5
RC5
RC5
CCP2
CCP2PPS
RA5
RC3
RC3
SCL1/SCK1
SSP1CLKPPS(1)
RA1
RC0
RB4
SDA1/SDI1
SSP1DATPPS(1)
RA2
RC1
RB6
SS1
SSP1SSPPS
RA3
RC3
RC6
RX1/DT1
RX1PPS
RA1
RC5
RB5
CK1
CK1PPS
RA0
RC4
RB7
ADC Conversion Trigger
ADACTPPS
RA5
RC2
RC2
Note: 
1.
Bidirectional pin. The corresponding output must select the same pin.
18.3
PPS Outputs
Each digital peripheral has a dedicated Pin Rxy Output Source Selection (RxyPPS) register with which the pin output
source is selected. With few exceptions, the port TRIS control associated with that pin retains control over the pin
output driver. Peripherals that control the pin output driver as part of the peripheral operation will override the TRIS
control as needed. The I2C module is an example of such a peripheral.
Important:  The notation ‘Rxy’ is a placeholder for the pin identifier. The ‘x’ holds the place of the PORT
letter and the ‘y’ holds the place of the bit number. For example, Rxy = RA0 for the RA0PPS register.
The table below shows the output codes for each peripheral, as well as the available Port selections.
Table 18-2. PPS Output Selection Table
RxyPPS
Output Source
0x09
TMR0
0x08
SDA1/SDO1(1)
0x07
SCL1/SCK1(1)
0x06
DT1
0x05
TX1/CK1
0x04
PWM4
0x03
PWM3
0x02
CCP2
0x01
CCP1
0x00
LATxy
Note: 
1.
Bidirectional pin. The corresponding input must select the same pin.
PIC16F15213/14/23/24/43/44
PPS - Peripheral Pin Select Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com