Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 147Page - Microchip Technology PIC16F15213 Datasheet HTML 148Page - Microchip Technology PIC16F15213 Datasheet HTML 149Page - Microchip Technology PIC16F15213 Datasheet HTML 150Page - Microchip Technology PIC16F15213 Datasheet HTML 151Page - Microchip Technology PIC16F15213 Datasheet HTML 152Page - Microchip Technology PIC16F15213 Datasheet HTML 153Page - Microchip Technology PIC16F15213 Datasheet HTML 154Page - Microchip Technology PIC16F15213 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 439 page
background image
18.8.1
xxxPPS
Name: 
xxxPPS
Peripheral Input Selection Register
Bit
7
6
5
4
3
2
1
0
PORT[2:0]
PIN[2:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
Reset
m
m
m
m
m
m
Bits 5:3 – PORT[2:0]  Peripheral Input PORT Selection(1)
See the PPS Input Selection Table for the list of available Ports and default pin locations.
Reset States: POR = mmm
All other Resets = uuu
Value
Description
010
PORTC
001
PORTB
000
PORTA
Bits 2:0 – PIN[2:0]  Peripheral Input PORT Pin Selection(2)
Reset States: POR = mmm
All other Resets = uuu
Value
Description
111
Peripheral input is from PORTx Pin 7 (Rx7)
110
Peripheral input is from PORTx Pin 6 (Rx6)
101
Peripheral input is from PORTx Pin 5 (Rx5)
100
Peripheral input is from PORTx Pin 4 (Rx4)
011
Peripheral input is from PORTx Pin 3 (Rx3)
010
Peripheral input is from PORTx Pin 2 (Rx2)
001
Peripheral input is from PORTx Pin 1 (Rx1)
000
Peripheral input is from PORTx Pin 0 (Rx0)
Notes: 
1.
The Reset value ‘m’ is determined by device default locations for that input.
2.
Refer to the “Pin Allocation Table” for details about available pins per port.
PIC16F15213/14/23/24/43/44
PPS - Peripheral Pin Select Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com