Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 151Page - Microchip Technology PIC16F15213 Datasheet HTML 152Page - Microchip Technology PIC16F15213 Datasheet HTML 153Page - Microchip Technology PIC16F15213 Datasheet HTML 154Page - Microchip Technology PIC16F15213 Datasheet HTML 155Page - Microchip Technology PIC16F15213 Datasheet HTML 156Page - Microchip Technology PIC16F15213 Datasheet HTML 157Page - Microchip Technology PIC16F15213 Datasheet HTML 158Page - Microchip Technology PIC16F15213 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 439 page
background image
19.
TMR0 - Timer0 Module
The Timer0 module has the following features:
• 8-bit timer with programmable period
• 16-bit timer
• Selectable clock sources
• Synchronous and asynchronous operation
• Programmable prescaler (Independent of Watchdog Timer)
• Programmable postscaler
• Interrupt on match or overflow
• Output on I/O pin (via PPS) or to other peripherals
• Operation during Sleep
Figure 19-1. Timer0 Block Diagram
Rev. Tim er0 Blo
2/12/201 9
T0CKIPPS
See T0CON1
Register
T0CS
T0CKPS
Prescaler
FOSC/4
T0ASYNC
T016BIT
T0OUTPS
T0IF
T0_out
Peripherals
TMR0
1
0
Postscaler
TMR0L
COMPARATOR
Timer 0 High
Byte
TMR0H
T0_match
Clear
Latch
Enable
8-bit TMR0 Body Diagram (T016BIT =
0)
TMR0L
TMR0H
Internal Data Bus
16-bit TMR0 Body Diagram (T016BIT =
1)
SYNC
IN
OUT
TMR0
bod y
Q
Q
D
CK
PPS
RxyPPS
R
IN
OUT
Timer 0 High
Byte
IN
OUT
Read TMR0L
Write TMR0L
8
8
8
8
8
PPS
19.1
Timer0 Operation
Timer0 can operate as either an 8-bit or 16-bit timer. The mode is selected with the MD16 bit.
PIC16F15213/14/23/24/43/44
TMR0 - Timer0 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com