Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 154Page - Microchip Technology PIC16F15213 Datasheet HTML 155Page - Microchip Technology PIC16F15213 Datasheet HTML 156Page - Microchip Technology PIC16F15213 Datasheet HTML 157Page - Microchip Technology PIC16F15213 Datasheet HTML 158Page - Microchip Technology PIC16F15213 Datasheet HTML 159Page - Microchip Technology PIC16F15213 Datasheet HTML 160Page - Microchip Technology PIC16F15213 Datasheet HTML 161Page - Microchip Technology PIC16F15213 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 439 page
background image
19.5.1
T0CON0
Name: 
T0CON0
Offset: 
0x059E
Timer0 Control Register 0
Bit
7
6
5
4
3
2
1
0
EN
OUT
MD16
OUTPS[3:0]
Access
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
Bit 7 – EN TMR0 Enable
Value
Description
1
The module is enabled and operating
0
The module is disabled
Bit 5 – OUT TMR0 Output
Bit 4 – MD16 16-Bit Timer Operation Select
Value
Description
1
TMR0 is a 16-bit timer
0
TMR0 is an 8-bit timer
Bits 3:0 – OUTPS[3:0] TMR0 Output Postscaler (Divider) Select
Value
Description
1111
1:16 Postscaler
1110
1:15 Postscaler
1101
1:14 Postscaler
1100
1:13 Postscaler
1011
1:12 Postscaler
1010
1:11 Postscaler
1001
1:10 Postscaler
1000
1:9 Postscaler
0111
1:8 Postscaler
0110
1:7 Postscaler
0101
1:6 Postscaler
0100
1:5 Postscaler
0011
1:4 Postscaler
0010
1:3 Postscaler
0001
1:2 Postscaler
0000
1:1 Postscaler
PIC16F15213/14/23/24/43/44
TMR0 - Timer0 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com