Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213T-I/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F15213T-I/ST Datasheet HTML 1Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 2Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 3Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 4Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 5Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 6Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 7Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 8Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 439 page
background image
– Individual I/O direction, open-drain, input threshold, slew rate and weak pull-up control
– Interrupt-on-change (IOC) on up to 25 pins
– One external interrupt pin
Analog Peripherals
• Analog-to-Digital Converter (ADC):
– 10-bit resolution
– Up to 28 external input channels
– Two internal input channels
– Internal ADC oscillator (ADCRC)
– Operates in Sleep
– Selectable auto-conversion trigger sources
• Fixed Voltage Reference (FVR):
– Selectable 1.024V, 2.048V and 4.096V output levels
– Internally connected to ADC
Clocking Structure
• High-Precision Internal Oscillator Block (HFINTOSC):
– Selectable frequencies up to 32 MHz
– ±2% at calibration
• Internal 31 kHz Oscillator (LFINTOSC)
• External High-Frequency Clock Input:
– Two External Clock (EC) Power modes
Programming/Debug Features
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) with One Breakpoint via Two Pins
• Debug Integrated On-Chip
PIC16F15213/14/23/24/43/44
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com