Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213T-I/ST Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 73Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 74Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 75Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 76Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 77Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 78Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 79Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 80Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 439 page
background image
11.
OSC - Oscillator Module
11.1
Oscillator Module Overview
The oscillator module contains multiple clock sources and selection features that allow it to be used in a wide range
of applications while maximizing performance and minimizing power consumption.
Clock sources can be supplied either internally or externally. External sources include:
• External Clock (EC) oscillators
Internal sources include:
• High-Frequency Internal Oscillator (HFINTOSC)
• Low-Frequency Internal Oscillator (LFINTOSC)
• Analog-to-Digital Converter RC Oscillator (ADCRC)
Special features of the oscillator module include:
• HFINTOSC Frequency Adjustment: Provides the ability to adjust the HFINTOSC frequency.
The Reset Oscillator (RSTOSC) Configuration bits determine the type of oscillator that will be used when the device
runs after a Reset, including when the device is first powered up (see the table below).
Table 11-1. RSTOSC Selection Table
RSTOSC
SFR Reset Values
Clock Source
COSC
OSCFRQ
11
11
000
EXTOSC per FEXTOSC
10
10
HFINTOSC @ 1 MHz
01
01
LFINTOSC
00
00
101
HFINTOSC @ 32 MHz
If an external clock source is selected by the RSTOSC bits, the External Oscillator Mode Select (FEXTOSC)
Configuration bits must be used to select the external clock mode. These modes include:
• ECL: External Clock Low Power mode
• ECH: External Clock High Power mode
The ECH and ECL modes rely on an external logic-level signal as the device clock source. Each mode is optimized
for a specific frequency range. The internal oscillator block produces both low-frequency and high-frequency clock
signals, designated LFINTOSC and HFINTOSC, respectively. Multiple system operating frequencies may be derived
from these clock sources.
Figure 11-1 illustrates a block diagram of the oscillator module.
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com