Electronic Components Datasheet Search
  English  ▼

X  

L3G4IS Datasheet(PDF) 9 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 5Page - STMicroelectronics L3G4IS Datasheet HTML 6Page - STMicroelectronics L3G4IS Datasheet HTML 7Page - STMicroelectronics L3G4IS Datasheet HTML 8Page - STMicroelectronics L3G4IS Datasheet HTML 9Page - STMicroelectronics L3G4IS Datasheet HTML 10Page - STMicroelectronics L3G4IS Datasheet HTML 11Page - STMicroelectronics L3G4IS Datasheet HTML 12Page - STMicroelectronics L3G4IS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
L3G4IS
User interface mode specifications
Doc ID 022612 Rev 1
9/24
4
User interface mode specifications
4.1
Mechanical characteristics
@ AVdd = 2.8 V, T = 25 °C unless otherwise noted(a).
a.
The product is factory calibrated at 3.3 V. The operational power supply range is specified in Table 5.
Table 4.
Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
User selectable
±250
dps
±500
±2000
So
Sensitivity
FS = 250 dps
8.75
mdps/digit
FS = 500 dps
17.50
FS = 2000 dps
70
SoDr
Sensitivity change vs.
temperature
From -30 °C to +85 °C
Delta from T = 25 °C
±2
%
DVoff
Digital zero-rate level
FS = 250 dps
±25
dps
FS = 500 dps
±25
FS = 2000 dps
±25
OffDr
Zero-rate level change
vs. temperature
FS = 250 dps
±0.03
dps/°C
FS = 2000 dps
±0.04
dps/°C
NL
Non linearity(2)
Best fit straight line
0.2
% FS
Rn
Rate noise density
0.015
BW
System bandwidth
140
Hz
Ton
Turn-on time
From power-down to
normal mode
60
ms
ODR
Digital output data rate
95/190/
380/760
Hz
Top
Operating temperature
range
-30
+85
°C
1.
Typical specifications are not guaranteed.
2.
Guaranteed by design.
dps
Hz
(
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com