Electronic Components Datasheet Search
  English  ▼

X  

L3G4IS Datasheet(PDF) 10 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 6Page - STMicroelectronics L3G4IS Datasheet HTML 7Page - STMicroelectronics L3G4IS Datasheet HTML 8Page - STMicroelectronics L3G4IS Datasheet HTML 9Page - STMicroelectronics L3G4IS Datasheet HTML 10Page - STMicroelectronics L3G4IS Datasheet HTML 11Page - STMicroelectronics L3G4IS Datasheet HTML 12Page - STMicroelectronics L3G4IS Datasheet HTML 13Page - STMicroelectronics L3G4IS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
User interface mode specifications
L3G4IS
10/24
Doc ID 022612 Rev 1
4.2
Electrical characteristics
@ AVdd = 2.8 V, T = 25 °C unless otherwise noted(b).
b.
The product is factory calibrated at 3.3 V.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
AVdd
Supply voltage
2.42
2.8
3.6
V
Vdd_IO_UI
Supply voltage for UI
digital pins
Internal voltage
reference
1.62
1.8
1.98
V
VddI2Cbus
Supply voltage I2C
bus
Allowed supply
voltage for UI I2C
bus
1.62
1.8
1.98
V
Idd
Supply current
6
mA
IddSL
Supply current in
sleep mode(2)
Selectable by digital
interface
3.2
mA
IddPdn
Supply current in
power-down mode
Selectable by digital
interface
20
µA
VIH
Digital high level
input voltage
0.7*Vdd_IO_UI
Vdd_IO_UI Vdd_IO_UI + 0.3
V
VIL
Digital low level
input voltage
-0.3
0
0.3*Vdd_IO_UI
V
VOH
Digital high level
output voltage
INT/DRDY signals
0.65*Vdd_IO_UI Vdd_IO_UI Vdd_IO_UI + 0.3
V
VOL
Digital low level
output voltage
INT/DRDY signals
-0.3
0
0.35*Vdd_IO_UI
V
Top
Operating
temperature range
-30
+85
°C
1.
Typical specifications are not guaranteed.
2.
Sleep mode introduces a faster turn-on time related to power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com