Electronic Components Datasheet Search
  English  ▼

X  

74HCT166 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT166
Description  8-bit parallel-in/serial-out shift register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT166 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT166 Datasheet HTML 1Page - NXP Semiconductors 74HCT166 Datasheet HTML 2Page - NXP Semiconductors 74HCT166 Datasheet HTML 3Page - NXP Semiconductors 74HCT166 Datasheet HTML 4Page - NXP Semiconductors 74HCT166 Datasheet HTML 5Page - NXP Semiconductors 74HCT166 Datasheet HTML 6Page - NXP Semiconductors 74HCT166 Datasheet HTML 7Page - NXP Semiconductors 74HCT166 Datasheet HTML 8Page - NXP Semiconductors 74HCT166 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
December 1990
2
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT166
FEATURES
• Synchronous parallel-to-serial applications
• Synchronous serial data input for easy expansion
• Clock enable for “do nothing” mode
• Asynchronous master reset
• For asynchronous parallel data load see “165”
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT166 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT166 are 8-bit shift registers which have a
fully synchronous serial or parallel data entry selected by
an active LOW parallel enable (PE) input. When PE is
LOW one set-up time prior to the LOW-to-HIGH clock
transition, parallel data is entered into the register. When
PE is HIGH, data is entered into the internal bit position Q0
from serial data input (Ds), and the remaining bits are
shifted one place to the right (Q0 → Q1 → Q2, etc.) with
each positive-going clock transition.
This feature allows parallel-to-serial converter expansion
by tying the Q7 output to the Ds input of the succeeding
stage.
The clock input is a gated-OR structure which allows one
input to be used as an active LOW clock enable (CE) input.
The pin assignment for the CP and CE inputs is arbitrary
and can be reversed for layout convenience. The
LOW-to-HIGH transition of input CE should only take place
while CP is HIGH for predictable operation. A LOW on the
master reset (MR) input overrides all other inputs and
clears the register asynchronously, forcing all bit positions
to a LOW state.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CP to Q7
MR to Q7
CL = 15 pF; VCC =5 V
15
14
20
19
ns
ns
fmax
maximum clock frequency
63
50
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
41
41
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com