Electronic Components Datasheet Search
  English  ▼

X  

74HCT166 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT166
Description  8-bit parallel-in/serial-out shift register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT166 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT166 Datasheet HTML 1Page - NXP Semiconductors 74HCT166 Datasheet HTML 2Page - NXP Semiconductors 74HCT166 Datasheet HTML 3Page - NXP Semiconductors 74HCT166 Datasheet HTML 4Page - NXP Semiconductors 74HCT166 Datasheet HTML 5Page - NXP Semiconductors 74HCT166 Datasheet HTML 6Page - NXP Semiconductors 74HCT166 Datasheet HTML 7Page - NXP Semiconductors 74HCT166 Datasheet HTML 8Page - NXP Semiconductors 74HCT166 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
December 1990
3
Philips Semiconductors
Product specification
8-bit parallel-in/serial-out shift register
74HC/HCT166
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1Ds
serial data input
2, 3, 4, 5, 10, 11, 12, 14
D0 to D7
parallel data inputs
6
CE
clock enable input (active LOW)
7
CP
clock input (LOW-to-HIGH edge-triggered)
8
GND
ground (0 V)
9
MR
asynchronous master reset (active LOW)
13
Q7
serial output from the last stage
15
PE
parallel enable input (active LOW)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com