Electronic Components Datasheet Search
  English  ▼

X  

L9305QFP Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9305QFP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305QFP Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9305QFP Datasheet HTML 88Page - STMicroelectronics L9305QFP Datasheet HTML 89Page - STMicroelectronics L9305QFP Datasheet HTML 90Page - STMicroelectronics L9305QFP Datasheet HTML 91Page - STMicroelectronics L9305QFP Datasheet HTML 92Page - STMicroelectronics L9305QFP Datasheet HTML 93Page - STMicroelectronics L9305QFP Datasheet HTML 94Page - STMicroelectronics L9305QFP Datasheet HTML 95Page - STMicroelectronics L9305QFP Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
Table 43. TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package mechanical data
Symbol
Dimensions
Note
Min.
Typ.
Max.
Ө
0°
3.5°
7°
Ө1
0°
Ө2
11°
12°
13°
Ө3
11°
12°
13°
A
1.20
15
A1
0.05
0.15
12
A2
0.95
1.00
1.05
15
b
0.17
0.22
0.27
9, 11
b1
0.17
0.20
0.23
11
c
0.09
0.20
11
c1
0.09
0.16
11
D
9.00 BSC
4
D1
7.00 BSC
2, 5
D2
5.37
13
D3
3.4
14
e
0.50 BSC
E
9.00 BSC
4
E1
7.00 BSC
2, 5
E2
5.37
13
E3
3.4
14
L
0.45
0.60
0.75
L1
1.00 REF
N
48
16
R1
0.08
R2
0.08
0.20
S
0.20
Tolerance of form and position
aaa
0.20
1, 7
bbb
0.20
ccc
0.08
ddd
0.08
Notes:
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
The top package body size may be smaller than the bottom package size up to 0.15 mm.
3.
Datum A-B and D to be determined at datum plane H.
4.
To be determined at seating datum plane C.
5.
Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is “0.25
mm” per side. D1 and E1 are maximum plastic body size dimensions including mold mismatch.
6.
Details of pin 1 identifier are optional but must be located within the zone indicated.
7.
All dimensions are in millimeters.
L9305
TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package information
DS12774 - Rev 8
page 92/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com