Electronic Components Datasheet Search
  English  ▼

X  

L9305QFP Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9305QFP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305QFP Datasheet(HTML) 2 Page - STMicroelectronics

  L9305QFP Datasheet HTML 1Page - STMicroelectronics L9305QFP Datasheet HTML 2Page - STMicroelectronics L9305QFP Datasheet HTML 3Page - STMicroelectronics L9305QFP Datasheet HTML 4Page - STMicroelectronics L9305QFP Datasheet HTML 5Page - STMicroelectronics L9305QFP Datasheet HTML 6Page - STMicroelectronics L9305QFP Datasheet HTML 7Page - STMicroelectronics L9305QFP Datasheet HTML 8Page - STMicroelectronics L9305QFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
A 32-bit CRC protected SPI interface is used for configuration and control of all
channels and provides status feedback of all diagnostic functions. An active low
reset input, RESN, is used to disable all channels and resets internal registers to
their default values. A safe enable path is provided through the EN_DR pin and the
integrated Fail Safe Pre-driver. An isolated redundant safety switch-off path ensures
that critical internal faults disable the fail safe pre-driver. An active high enable pin,
EN_DR, is used to enable or disable the operation of all channels. When the EN_DR
pin is low, all channels are disabled. A fault output pin is provided and can be used
to generate an external interrupt to the microcontroller whenever a fault is detected.
The user can map specific faults to the FAULTn pin based on their specific system
requirements.
L9305
DS12774 - Rev 8
page 2/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com