Electronic Components Datasheet Search
  English  ▼

X  

ADRF5049 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5049
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5049 Datasheet HTML 3Page - Analog Devices ADRF5049 Datasheet HTML 4Page - Analog Devices ADRF5049 Datasheet HTML 5Page - Analog Devices ADRF5049 Datasheet HTML 6Page - Analog Devices ADRF5049 Datasheet HTML 7Page - Analog Devices ADRF5049 Datasheet HTML 8Page - Analog Devices ADRF5049 Datasheet HTML 9Page - Analog Devices ADRF5049 Datasheet HTML 10Page - Analog Devices ADRF5049 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADRF5049
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 14
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input. See Table 6 for the truth table and Figure 7 for the control interface schematic.
2
V1
Control Input 1. See Table 6 for the truth table and Figure 6 for the control interface schematic.
3, 5, 9, 11 to 13, 15 to 17, 19
to 21, 23
GND
Ground.
4
RFC
RF Common Port. The RFC pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required when the
RF line potential is equal to 0 V dc. See Table 6 for the truth table and Figure 5 for the interface schematic.
6
VSS
Negative Supply Voltage.
7
LS
Logic Select. See Table 6 for the truth table and Figure 7 for the control interface schematic.
8
VDD
Positive Supply Voltage.
10
RF4
RF Throw Port 4. The RF4 pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required when the
RF line potential is equal to 0 V dc. See Table 6 for the truth table and Figure 5 for the interface schematic.
14
RF3
RF Throw Port 3. The RF3 pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required when the
RF line potential is equal to 0 V dc. See Table 6 for the truth table and Figure 5 for the interface schematic.
18
RF2
RF Throw Port 2. The RF2 pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required when the
RF line potential is equal to 0 V dc. See Table 6 for the truth table and Figure 5 for the interface schematic.
22
RF1
RF Throw Port 1. The RF1 pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required when the
RF line potential is equal to 0 V dc. See Table 6 for the truth table and Figure 5 for the interface schematic.
24
V2
Control Input 2. See Table 6 for the truth table and Figure 6 for the control interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com