Electronic Components Datasheet Search
  English  ▼

X  

ADRF5049 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5049
Description  Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5049 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5049 Datasheet HTML 6Page - Analog Devices ADRF5049 Datasheet HTML 7Page - Analog Devices ADRF5049 Datasheet HTML 8Page - Analog Devices ADRF5049 Datasheet HTML 9Page - Analog Devices ADRF5049 Datasheet HTML 10Page - Analog Devices ADRF5049 Datasheet HTML 11Page - Analog Devices ADRF5049 Datasheet HTML 12Page - Analog Devices ADRF5049 Datasheet HTML 13Page - Analog Devices ADRF5049 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
ADRF5049
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 14
The ADRF5049 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
All of the RF ports (RFC, RF1 to RF4) are dc-coupled to 0 V,
and no dc blocking is required at the RFx ports when the RF line
potential is equal to 0 V. The RF ports are internally matched to 50
Ω. Therefore, external matching networks are not required.
The ADRF5049 integrates a driver to perform logic functions inter-
nally and to provide the user with the advantage of a simplified
CMOS-/LVTTL-compatible control interface. The driver features four
digital control input pins (EN, LS, V1, and V2) that control the state
of the RFx paths. See Table 6.
The LS pin allows the user to define the control input logic se-
quence for the RF path selections. The logic level applied to the V1
and V2 pins determines which RFx port is in the insertion loss state
while the other three paths are in the isolation state.
When the EN pin is logic high, all four RFx paths are in an isolation
state regardless of the logic state of LS, V1, and V2. The RFx
ports are terminated to internal 50 Ω resistors, and RFC becomes
reflective.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The switch design is
bidirectional with equal power handling capabilities. The RF input
signal can be applied to the RFC port or the selected RF throw
port. The isolation paths provide high loss between the insertion
loss path and the unselected RF throw ports that are terminated to
internal 50 Ω resistors.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD.
3. Apply the digital control inputs: EN, LS, V1, and V2. Applying
digital control inputs before the VDD supply can inadvertently
forward bias and damage the internal ESD protection struc-
tures. A series 1 kΩ resistor can be used to limit the current
flowing into the digital control input pins in such cases. If the
digital control input pins are not driven to a valid logic state (that
is, the controller output is in high impedance state) after VDD is
powered up, it is recommended to use pull-up and power-down
resistors.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
Table 6. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
EN
LS
V1
V2
RF1 to RFC
RF2 to RFC
RF3 to RFC
RF4 to RFC
Low
Low
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
Low
Low
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
Low
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
Low
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
Low
High
Low
Low
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
Low
High
High
Low
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
High
Low
High
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
High
High
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low or high Low or high Low or high Isolation (off)
Isolation (off)
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com