Electronic Components Datasheet Search
  English  ▼

X  

74HC181D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC181D
Description  4-bit arithmetic logic unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC181D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC181D Datasheet HTML 3Page - NXP Semiconductors 74HC181D Datasheet HTML 4Page - NXP Semiconductors 74HC181D Datasheet HTML 5Page - NXP Semiconductors 74HC181D Datasheet HTML 6Page - NXP Semiconductors 74HC181D Datasheet HTML 7Page - NXP Semiconductors 74HC181D Datasheet HTML 8Page - NXP Semiconductors 74HC181D Datasheet HTML 9Page - NXP Semiconductors 74HC181D Datasheet HTML 10Page - NXP Semiconductors 74HC181D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 Jun 10
7
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
Table 1 SUM MODE TEST
Function inputs S0 =S3 = 4.5 V, M = S1 =S2 =0V
Table 2 DIFFERENTIAL MODE TEST
Function inputs S1 =S2 = 4.5 V, M = S0 =S3 =0V
Table 3 LOGIC MODE TEST
Function inputs M = S1 =S2 = 4.5 V, S0 =S3 =0V
PARAMETER
INPUT
UNDER
TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
TEST
Apply 4.5 V
Apply GND
Apply 4.5 V
Apply GND
tPLH/ tPHL
Ai
Bi
none
remaining A and BCn
Fi
tPLH/ tPHL
Bi
Ai
none
remaining A and BCn
Fi
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
P
tPLH/ tPHL
Bi
Ai
none
none
remaining A and B, Cn
P
tPLH/ tPHL
Ai
none
Bi
remaining B
remaining A, Cn
G
tPLH/ tPHL
Bi
none
Ai
remaining B
remaining A, Cn
G
tPLH/ tPHL
Ai
none
Bi
remaining B
remaining A, Cn
Cn+4
tPLH/ tPHL
Bi
none
Ai
remaining B
remaining A, Cn
Cn+4
tPLH/ tPHL
Cn
none
none
all A
all B
any F or Cn+4
PARAMETER
INPUT
UNDER
TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
TEST
Apply 4.5 V
Apply GND
Apply 4.5 V
Apply GND
tPLH/ tPHL
Ai
none
Bi
remaining A
remaining B, Cn
Fi
tPLH/ tPHL
Bi
Ai
none
remaining A
remaining B, Cn
Fi
tPLH/ tPHL
Ai
none
Bi
none
remaining A and B, Cn
P
tPLH/ tPHL
Bi
Ai
none
none
remaining A and B, Cn
P
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
G
tPLH/ tPHL
Bi
none
Ai
none
remaining A and B, Cn
G
tPLZ/ tPZL
Ai
none
Bi
remaining A
remaining B, Cn
A=B
tPLZ/ tPZL
Bi
Ai
none
remaining A
remaining B, Cn
A=B
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
Cn+4
tPLH/ tPHL
Bi
none
Ai
none
remaining A and B, Cn
Cn+4
tPLH/ tPHL
Cn
none
none
all A and B
none
any F or Cn+4
PARAMETER
INPUT
UNDER
TEST
OTHER INPUT, SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
TEST
Apply 4.5 V
Apply GND
Apply 4.5 V
Apply GND
tPLH/ tPHL
Ai
Bi
none
none
remaining A and B, Cn
Fi
tPLH/ tPHL
Bi
Ai
none
none
remaining A and B, Cn
Fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com