Electronic Components Datasheet Search
  English  ▼

X  

74HC181D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC181D
Description  4-bit arithmetic logic unit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC181D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC181D Datasheet HTML 5Page - NXP Semiconductors 74HC181D Datasheet HTML 6Page - NXP Semiconductors 74HC181D Datasheet HTML 7Page - NXP Semiconductors 74HC181D Datasheet HTML 8Page - NXP Semiconductors 74HC181D Datasheet HTML 9Page - NXP Semiconductors 74HC181D Datasheet HTML 10Page - NXP Semiconductors 74HC181D Datasheet HTML 11Page - NXP Semiconductors 74HC181D Datasheet HTML 12Page - NXP Semiconductors 74HC181D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Jun 10
9
Philips Semiconductors
Product specification
4-bit arithmetic logic unit
74HC/HCT181
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
MODE
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Cn to Cn+4
55
20
16
165
33
28
205
41
35
250
50
43
ns
2.0
4.5
6.0
sum
diff
M=0V;
Fig.9;
Tables 1 and 2
tPHL/ tPLH
propagation delay
Cn to Fn
69
25
20
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
sum
diff
M=0V;
Fig.9;
Tables 1 and 2
tPHL/ tPLH
propagation delay
An to G
72
26
21
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
sum
M=S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation delay
Bn to G
77
28
22
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
sum
M=S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation delay
An to G
76
26
21
215
43
37
270
54
46
320
65
55
ns
2.0
4.5
6.0
diff
M=S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation delay
Bn to G
77
28
22
240
48
41
300
60
51
360
72
61
ns
2.0
4.5
6.0
diff
M=S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation delay
An to P
61
22
18
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
sum
M=S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation delay
Bn to P
63
23
18
195
39
33
245
49
42
295
59
50
ns
2.0
4.5
6.0
sum
M=S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation delay
An to P
55
20
16
170
34
29
215
43
37
255
51
43
ns
2.0
4.5
6.0
diff
M=S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation delay
Bn to P
63
23
18
195
39
33
245
49
42
295
59
50
ns
2.0
4.5
6.0
diff
M=S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation delay
Ai to Fi
77
28
22
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
sum
M=S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation delay
Bi to Fi
85
31
25
255
51
43
320
64
54
385
77
65
ns
2.0
4.5
6.0
sum
M=S1 =S2 =0V;
S0 =S3 = 4.5 V;
Fig.7; Table 1
tPHL/ tPLH
propagation delay
Ai to Fi
77
28
22
235
47
40
295
59
50
355
71
60
ns
2.0
4.5
6.0
diff
M=S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2
tPHL/ tPLH
propagation delay
Bi to Fi
83
31
24
255
51
43
320
64
54
385
77
65
ns
2.0
4.5
6.0
diff
M=S0 =S3 =0V;
S1 =S2 = 4.5 V;
Fig.8; Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com