Electronic Components Datasheet Search
  English  ▼

X  

74HC221 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC221
Description  Dual non-retriggerable monostable multivibrator with reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC221 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC221 Datasheet HTML 3Page - NXP Semiconductors 74HC221 Datasheet HTML 4Page - NXP Semiconductors 74HC221 Datasheet HTML 5Page - NXP Semiconductors 74HC221 Datasheet HTML 6Page - NXP Semiconductors 74HC221 Datasheet HTML 7Page - NXP Semiconductors 74HC221 Datasheet HTML 8Page - NXP Semiconductors 74HC221 Datasheet HTML 9Page - NXP Semiconductors 74HC221 Datasheet HTML 10Page - NXP Semiconductors 74HC221 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
December 1990
7
Philips Semiconductors
Product specification
Dual non-retriggerable monostable
multivibrator with reset
74HC/HCT221
tW
output pulse width
nQ or nQ
140
−−
ns
2.0
4.5
6.0
CEXT = 28 nF;
REXT =2 kΩ;
Fig.10
tW
output pulse width
nQ or nQ
1.5
−−
µs
2.0
4.5
6.0
CEXT = 1 nF;
REXT =2 kΩ;
Fig.10
tW
output pulse width
nQ or nQ
7
−−
µs
2.0
4.5
6.0
CEXT = 1 nF;
REXT = 10 kΩ;
Fig.10
tW
pulse width match
between circuits
in the package
± 2
−−
%
4.5
to
5.5
CEXT = 1000 pF;
REXT = 10 kΩ
trem
removal time
nRD to nA
or nB
100
20
17
30
11
9
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.9
REXT
external timing resistor
10
2
1000
1000
−
−
−
−
k
Ω
2.0
5.0
Fig.12
Fig.13
CEXT
external timing capacitor
no limits
pF
2.0
5.0
Fig.12
Fig.13
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min
typ
max. min
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com