Electronic Components Datasheet Search
  English  ▼

X  

74HC221 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC221
Description  Dual non-retriggerable monostable multivibrator with reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC221 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC221 Datasheet HTML 5Page - NXP Semiconductors 74HC221 Datasheet HTML 6Page - NXP Semiconductors 74HC221 Datasheet HTML 7Page - NXP Semiconductors 74HC221 Datasheet HTML 8Page - NXP Semiconductors 74HC221 Datasheet HTML 9Page - NXP Semiconductors 74HC221 Datasheet HTML 10Page - NXP Semiconductors 74HC221 Datasheet HTML 11Page - NXP Semiconductors 74HC221 Datasheet HTML 12Page - NXP Semiconductors 74HC221 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
December 1990
9
Philips Semiconductors
Product specification
Dual non-retriggerable monostable
multivibrator with reset
74HC/HCT221
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min
typ max min max.
min.
max.
tPLH
propagation delay (trigger)
nA, nRD to nQ
30
50
63
75
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.10
tPLH
propagation delay (trigger)
nB to nQ
24
42
53
63
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.10
tPHL
propagation delay (trigger)
nA to nQ
26
44
55
66
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.10
tPHL
propagation delay (trigger)
nB to nQ
21
35
44
53
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.10
tPHL
propagation delay (trigger)
nRD to nQ
26
43
54
65
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.10
tPHL
propagation delay (reset)
nRD to nQ
26
43
54
65
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.11
tPLH
propagation delay (reset)
nRD to nQ
31
51
64
77
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ;
Fig.11
tTHL/ tTLH output transition time
7
15
19
22
ns
4.5
Fig.10
tW
trigger pulse width
nA = LOW
20
13
25
30
ns
4.5
Fig.10
tW
trigger pulse width
nB = HIGH
20
13
25
30
ns
4.5
Fig.10
tW
pulse width
nRD = LOW
22
13
28
33
ns
4.5
Fig.8
tW
output pulse width
nQ = LOW
nQ = HIGH
630
700 770
602
798
595
805
µs
5.0
CEXT = 100 nF;
REXT = 10 kΩ;
Fig.10
tW
trigger pulse width
nQ or nQ
140
−−
ns
4.5
CEXT = 28 pF;
REXT =2 kΩ;
Fig.10
tW
trigger pulse width
nQ or nQ
1.5
−−
µs
4.5
CEXT = 1 nF;
REXT = 2 kΩ;
Fig.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com