Electronic Components Datasheet Search
  English  ▼

X  

DS7836 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7836
Description  Quad NOR Unified Bus Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7836 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS7836 Datasheet HTML 1Page - National Semiconductor (TI) DS7836 Datasheet HTML 2Page - National Semiconductor (TI) DS7836 Datasheet HTML 3Page - National Semiconductor (TI) DS7836 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Current Voltage
55V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1308 mW
Molded Package
1207 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate cavity package 87 mW C above 25 C derate molded package 97
mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS7836
45
55
V
DS8836
475
525
V
Temperature (TA)
DS7836
b
55
a
125
C
DS8836
0
a
70
C
Electrical Characteristics
The following apply for VMIN s VCC s VMAX TMIN s TA s TMAX unless otherwise specified (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
High Level Input Threshold
VCC e Max
DS7836
165
225
265
V
DS8836
180
225
250
V
VIL
Low Level Input Threshold
VCC e Min
DS7836
097
130
163
V
DS8836
105
130
155
V
IIN
Maximum Input Current
VIN e 4V
VCC e Max
15
50
m
A
VCC e 0V
1
50
m
A
VOH
Logical ‘‘1’’ Output Voltage
VIN e 05V IOUT eb400 mA
24
V
VOL
Logical ‘‘0’’ Output Voltage
VIN e 4V IOUT e 16 mA
025
04
V
ISC
Output Short Circuit Current
VIN e 05V VOUT e 0V VCC e Max (Note 4)
b
18
b
55
mA
ICC
Power Supply Current
VIN e 4V (Per Package)
25
40
mA
VCL
Input Clamp Diode Voltage
IIN eb12 mA TA e 25 C
b
1
b
15
V
Switching Characteristics VCC e 5V TA e 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delays
(Notes 4 and 5)
Input to Logical ‘‘1’’ Output
20
30
ns
Input to Logical ‘‘0’’ Output
18
30
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS7836 and across the 0 Cto a70 C range for
the DS8836 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
Fan-out of 10 load CLOAD e 15 pF total measured from VIN e 13V to VOUT e 15V VIN e 0V to 3V pulse
Note 5
Fan-out of 10 load CLOAD e 15 pF total measured from VIN e 23V to VOUT e 15V VIN e 0V to 3V pulse
http
www nationalcom
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com