Electronic Components Datasheet Search
  English  ▼

X  

DS7836 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7836
Description  Quad NOR Unified Bus Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7836 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS7836 Datasheet HTML 1Page - National Semiconductor (TI) DS7836 Datasheet HTML 2Page - National Semiconductor (TI) DS7836 Datasheet HTML 3Page - National Semiconductor (TI) DS7836 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5810
February 1996
DS7836DS8836 Quad NOR Unified Bus Receiver
General Description
The DS7836DS8836 are quad 2-input receivers designed
for use in bus organized data transmission systems inter-
connected by terminated 120X impedance lines The exter-
nal termination is intended to be 180X resistor from the bus
to the a5V logic supply together with a 390X resistor from
the bus to ground The design employs a built-in input hys-
teresis providing substantial noise immunity Low input cur-
rent allows up to 27 driverreceiver pairs to utilize a com-
mon bus Performance is optimized for systems with bus
rise and fall times s 10 msV
Features
Y
Low input current with normal VCC or VCC e 0V
(15 mA typ)
Y
Built-in input hysteresis (1V typ)
Y
High noise immunity (2V typ)
Y
Temperature-insensitive input thresholds track bus logic
levels
Y
TTL compatible output
Y
Matched optimized noise immunity for ‘‘1’’ and ‘‘0’’
levels
Y
High speed (18 ns typ)
Typical Application
120X Unified Data Bus
TLF5810 – 1
Connection Diagram
Dual-In-Line Package
TLF5810 – 2
Top View
Order Number DS7836J or DS8836N
See NS Package Number J14A or N14A
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS7836

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7830J NSC-DS7830J Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7830J/883 NSC-DS7830J/883 Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7830W/883 NSC-DS7830W/883 Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7831 NSC-DS7831 Datasheet
232Kb / 11P
Dual TRI-STATE Line Driver
More results

Similar Description - DS7836

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7837 NSC-DS7837 Datasheet
107Kb / 4P
Hex Unified Bus Receiver
DS8641 NSC-DS8641 Datasheet
78Kb / 5P
Quad Unified Bus Transceiver
DS8838 NSC-DS8838 Datasheet
82Kb / 5P
Quad Unified Bus Transceiver
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
National Semiconductor ...
DS7640 NSC-DS7640 Datasheet
103Kb / 4P
Quad NOR Unified Bus Receiver
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
6-Bit Unified Bus Comparator
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
QUAD NOR GATE
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
Schottky Three-State Quad Bus Driver/Receiver
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
Quad Bus Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com