Electronic Components Datasheet Search
  English  ▼

X  

MB89475 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB89475
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89475 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB89475 Datasheet HTML 35Page - fujitsu semiconductor MB89475 Datasheet HTML 36Page - fujitsu semiconductor MB89475 Datasheet HTML 37Page - fujitsu semiconductor MB89475 Datasheet HTML 38Page - fujitsu semiconductor MB89475 Datasheet HTML 39Page - fujitsu semiconductor MB89475 Datasheet HTML 40Page - fujitsu semiconductor MB89475 Datasheet HTML 41Page - fujitsu semiconductor MB89475 Datasheet HTML 42Page - fujitsu semiconductor MB89475 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
MB89470 Series
39
s EXAMPLE CHARACTERISTICS
• “L” level output voltage
• “H” level output voltage
• “H” level input voltage/“L” level input voltage
VCC
= 3.0 V
VCC
= 3.5 V
VCC
= 4.0 V
VCC
= 4.5 V
VCC
= 5.0 V
VCC
= 5.5 V
VCC
= 6.0 V
VOL1
− IOL (MB89475)
Ta
= + 25 °C
0.8
0.6
0.4
0.2
0.0
02
4
6
8
10
IOL1 (mA)
0.4
0.3
0.2
0.1
0.0
02
4
6
8
10
12
14
16
VCC
= 3.0 V
VCC
= 3.5 V
VCC
= 4.0 V
VCC
= 4.5 V
VCC
= 5.0 V
VCC
= 5.5 V
VCC
= 6.0 V
Ta
= + 25 °C
VOL2
− IO2 (MB89475)
IOL2 (mA)
(VCC
− VOH ) − IOH (MB89475)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
−2
−4
−6
−8
−10
IOH (mA)
VCC
= 3.0 V
VCC
= 3.5 V
VCC
= 4.0 V
VCC
= 4.5 V
VCC
= 5.0 V
VCC
= 6.0 V
VCC
= 5.5 V
Ta
= + 25 °C
CMOS Input (MB89475)
VCC (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1234567
Ta
= + 25 C
VCC (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1234567
Ta
= + 25 C
VIHS
VILS
CMOS hysteresis Input (MB89475)
VIHS : Threshold when input voltage in hysteresis
characteristics is set to “H” level.
VILS : Threshold when input voltage in hysteresis
characteristics is set to “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com