Electronic Components Datasheet Search
  English  ▼

X  

MB89475 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB89475
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89475 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB89475 Datasheet HTML 9Page - fujitsu semiconductor MB89475 Datasheet HTML 10Page - fujitsu semiconductor MB89475 Datasheet HTML 11Page - fujitsu semiconductor MB89475 Datasheet HTML 12Page - fujitsu semiconductor MB89475 Datasheet HTML 13Page - fujitsu semiconductor MB89475 Datasheet HTML 14Page - fujitsu semiconductor MB89475 Datasheet HTML 15Page - fujitsu semiconductor MB89475 Datasheet HTML 16Page - fujitsu semiconductor MB89475 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
MB89470 Series
13
s HANDLING DEVICES
1.
Preventing Latchup
Latchup may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins
other than medium- to high-voltage pins or if higher than the voltage which shows on “1. Absolute Maximum
Ratings” in “s ELECTRICAL CHARACTERISTICS” is applied between VCC and VSS.
When latchup occurs, power supply current increases rapidly and might thermally damage elements. When
using, take great care not to exceed the absolute maximum ratings.
Also, take care to prevent the analog power supply (AVCC) and analog input from exceeding the digital power
supply (VCC) when the analog system power supply is turned on and off.
2.
Treatment of Unused Input Pins
Leaving unused input pins open could cause malfunctions. They should be connected to a pull-up or pull-down
resistor.
3.
Treatment of Power Supply Pins on Microcontrollers with A/D Converter
Connect to be AVCC
= VCC and AVSS = VSS even if the A/D converter is not in use.
4.
Treatment of N.C. Pins
Be sure to leave (internally connected) N.C. pins open.
5.
Power Supply Voltage Fluctuations
Although VCC power supply voltage is assured to operate within the rated range, a rapid fluctuation of the voltage
could cause malfunctions, even if it occurs within the rated range. Stabilizing voltage supplied to the IC is therefore
important. As stabilization guidelines, it is recommended to control power so that VCC ripple fluctuations (P-P
value) will be less than 10
% of the standard VCC value at the commercial frequency (50 Hz to 60 Hz) and the
transient fluctuation rate will be less than 0.1 V/ms at the time of a momentary fluctuation such as when power
is switched.
6.
Precautions when Using an External Clock
Even when an external clock is used, oscillation stabilization time is required for power-on reset (optional) and
wake-up from stop mode.
7.
Note to noise in the External Reset Pin (RST)
If the reset pulse applied to the external reset pin (RST) does not meet the specifications, it may cause malfunc-
tions. Use causion so that the reset pulse less than the specifications will not be fed to the external reset pin (RST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com