Electronic Components Datasheet Search
  English  ▼

X  

MMM5063 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMM5063
Description  Tri-Band GSM GPRS 3.5 V Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5063 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMM5063 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5063 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
4
MMM5063 Advance Information
MOTOROLA
Electrical Specifications
Second Harmonic Leakage at DCS Output (Crosstalk
isolation)
--28
-15
dBm
Input Return Loss
|S11|
-10
-
dB
Output Power Isolation (Vramp = 0 V, VGSM1,2,3 = 0 V)
Poff
--45
-40
dBm
Noise Power in Rx Band @ Pin = -1.0 dBm (100 kHz
measurement bandwidth)
@ fo + 10 MHz (fo = 915 MHz)
@ fo + 20 MHz (fo = 915 MHz)
NP
-
-
-80
-81
-
-
dBm
Noise Power in Rx Band @ Pin = 6.0 dBm (100 kHz
measurement bandwidth)
@ fo + 10 MHz (fo = 915 MHz)
@ fo + 20 MHz (fo = 915 MHz)
NP
-
-
-84
-86
-77
-81
dBm
Stability-Spurious Output (Pout = 5.0 to 35 dBm, Load
VSWR = 6:1 all Phase Angles, Adjust Vramp for
specified power)
Pspur
--
-60
dBc
Load Mismatch Stress (Pout = 5.0 to 35 dBm, Load
VSWR = 10:1 all phase angles, 5 seconds, Adjust Vramp
for specified power)
No Degradation in Output Power
Before and After Test
DCS Section(Pin = 2.0 dBm, VDCS1,2,3 = 3.5 V pulsed, VdB = 3.5 V, VREG = 2.8 V, Vramp = 1.8 V pulsed, VBS = 0 V)
Frequency Range
BW
1710
-
1785
MHz
Output Power
Pout
32.5
33.8
-
dBm
Power Added Efficiency
PAE
38
44
-
%
Output Power @ Low Voltage (VDCS1,2,3 = 2.8 V pulsed,
VdB= 2.8 V)
Pout
31
32
-
dBm
Power Added Efficiency @ Low Voltage (VDCS1,2,3 = 2.8
V pulsed, VdB= 2.8 V)
PAE
38
45
-
%
Harmonic Output
2fo
≥3fo
-
-
-65
-50
-45
-45
dBc
Input Return Loss
|S11|
-9.0
-
dB
Output Power Isolation (Vramp = 0 V, VDCS1,2,3 = 0 V)
Poff
--40
-35
dBm
Noise Power in Rx Band @ Pin = 2.0 dBm @ fo + 20
MHz (fo = 1785 MHz) (100 kHz measurement
bandwidth)
NP
-
-78
-75
dBm
Stability-Spurious Output (Pout = 0 to 33 dBm, Load
VSWR = 6:1 all Phase Angles, Adjust Vramp for
specified power)
Pspur
--
-60
dBc
Table 4. Electrical Characteristics (Continued)
(Peak measurement at 25% duty cycle, 4.6 ms period, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com