Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 255 page
background image
Table 6-25. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPMC0_A21
OZ
GPMC address 21 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
V25
P17
GPMC0_A22
OZ
GPMC address 22 Output in A/D non-
multiplexed mode and unused in A/D
multiplexed mode
K25
J20
GPMC0_AD0
IO
GPMC Data 0 Input/Output in A/D non-
multiplexed mode and additionally Address 1
Output in A/D multiplexed mode
M25
K19
GPMC0_AD1
IO
GPMC Data 1 Input/Output in A/D non-
multiplexed mode and additionally Address 2
Output in A/D multiplexed mode
N23
L19
GPMC0_AD2
IO
GPMC Data 2 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
N24
L20
GPMC0_AD3
IO
GPMC Data 3 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
N25
L21
GPMC0_AD4
IO
GPMC Data 4 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
P24
M21
GPMC0_AD5
IO
GPMC Data 5 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
P22
L17
GPMC0_AD6
IO
GPMC Data 6 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
P21
L18
GPMC0_AD7
IO
GPMC Data 7 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
R23
M20
GPMC0_AD8
IO
GPMC Data 8 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
R24
N20
GPMC0_AD9
IO
GPMC Data 9 Input/Output in A/D non-
multiplexed mode and additionally Address 3
Output in A/D multiplexed mode
R25
N21
GPMC0_AD10
IO
GPMC Data 10 Input/Output in A/D non-
multiplexed mode and additionally Address 11
Output in A/D multiplexed mode
T25
M17
GPMC0_AD11
IO
GPMC Data 11 Input/Output in A/D non-
multiplexed mode and additionally Address 12
Output in A/D multiplexed mode
R21
N18
GPMC0_AD12
IO
GPMC Data 12 Input/Output in A/D non-
multiplexed mode and additionally Address 13
Output in A/D multiplexed mode
T22
N17
GPMC0_AD13
IO
GPMC Data 13 Input/Output in A/D non-
multiplexed mode and additionally Address 14
Output in A/D multiplexed mode
T24
N19
GPMC0_AD14
IO
GPMC Data 14 Input/Output in A/D non-
multiplexed mode and additionally Address 15
Output in A/D multiplexed mode
U25
P19
GPMC0_AD15
IO
GPMC Data 15 Input/Output in A/D non-
multiplexed mode and additionally Address 16
Output in A/D multiplexed mode
U24
P20
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active low) or
Command Latch Enable
M24
K17
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active low)
N20
K18
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com