| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 97 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 97 Page - Texas Instruments |
|
97 / 255 page ![]() 7.8.2 Fail-Safe Reset (FS RESET) Electrical Characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIL Input Low Voltage 0.3 × VDDS_OSC0 V VILSS Input Low Voltage Steady State 0.3 × VDDS_OSC0 V VIH Input High Voltage 0.7 × VDDS_OSC0 V VIHSS Input High Voltage Steady State 0.7 × VDDS_OSC0 V VHYS Input Hysteresis Voltage 200 mV IIN Input Leakage Current. VI = 1.8 V or VI = 0 V ±10 µA SRI (2) Input Slew Rate 18f(1) or 1.8E+6 V/s (1) f = toggle frequency of the input signal in Hz. (2) This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching Characteristics sections. Select the MIN parameter which results in the largest value. 7.8.3 High-Frequency Oscillator (HFOSC) Electrical Characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIL Input Low Voltage 0.35 × VDDS_OSC0 V VIH Input High Voltage 0.65 × VDDS_OSC0 V VHYS Input Hysteresis Voltage 49 mV IIN Input Leakage Current. VI = 1.8 V or VI = 0.0 V ±10 µA 7.8.4 Low-Frequency Oscillator (LFXOSC) Electrical Characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIL Input Low Voltage 0.30 × VDDS_OSC0 V VIH Input High Voltage 0.70 × VDDS_OSC0 V VHYS Input Hysteresis Voltage Active Mode 85 mV Bypass Mode 324 mV IIN Input Leakage Current. VI = 1.8 V or VI = 0.0 V ±10 µA www.ti.com AM625, AM623 SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 97 Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |