Electronic Components Datasheet Search
  English  ▼

X  

AM68AX Datasheet(PDF) 153 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 149Page - Texas Instruments AM68AX Datasheet HTML 150Page - Texas Instruments AM68AX Datasheet HTML 151Page - Texas Instruments AM68AX Datasheet HTML 152Page - Texas Instruments AM68AX Datasheet HTML 153Page - Texas Instruments AM68AX Datasheet HTML 154Page - Texas Instruments AM68AX Datasheet HTML 155Page - Texas Instruments AM68AX Datasheet HTML 156Page - Texas Instruments AM68AX Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 251 page
background image
7.10.5.2.2 CPSW2G RMII Timings
Table 7-29, Section 7.10.5.2.2.1, Section 7.10.5.2.2.2, and Section 7.10.5.2.2.3 present timing conditions,
requirements, and switching characteristics for CPSW2G RMII.
Table 7-29. CPSW2G RMII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input signal slew rate
VDD(1) = 1.8 V
0.108
0.54
V/ns
VDD(1) = 3.3 V
0.4
1.2
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
25
pF
(1)
VDD stands for corresponding power supply. For more information on the power supply name and
the corresponding ball(s), see POWER column of the Pin Attributes
7.10.5.2.2.1 CPSW2G RMII[x]_REF_CLK Timing Requirements – RMII Mode
see Figure 7-36
NO.
MIN
MAX
UNIT
RMII1
tc(ref_clk)
Cycle time, RMII[x]_REF_CLK
19.999
20
ns
RMII2
tw(ref_clkH)
Pulse Duration, RMII[x]_REF_CLK high
7
13
ns
RMII3
tw(ref_clkL)
Pulse Duration, RMII[x]_REF_CLK low
7
13
ns
RMII[x]_REF_CLK
RMII2
RMII3
RMII1
A.
x = 1 in MCU domain.
Figure 7-36. CPSW2G RMII[x]_REFCLK Timing Requirements – RMII Mode
7.10.5.2.2.2 CPSW2G RMII[x]_RXD[1:0], RMII[x]_CRS_DV, and RMII[x]_RX_ER Timing Requirements – RMII Mode
NO.
MIN
MAX
UNIT
RMII4
tsu(rxdV-ref_clkH)
Setup time, RMII[x]_RXD[1:0] valid before RMII[x]_REF_CLK rising
edge
4
ns
tsu(crs_dvV-ref_clkH)
Setup time, RMII[x]_CRS_DV valid before RMII[x]_REF_CLK rising
edge
4
ns
tsu(rx_erV-ref_clkH)
Setup time, RMII[x]_RX_ER valid before RMII[x]_REF_CLK rising
edge
4
ns
RMII5
th(ref_clkH-rxdV)
Hold time, RMII[x]_RXD[1:0] valid after RMII[x]_REF_CLK rising
edge
2
ns
th(ref_clkH-crs_dvV)
Hold time, RMII[x]_CRS_DV valid after RMII[x]_REF_CLK rising
edge
2
ns
th(ref_clkH-rx_erV)
Hold time, RMII[x]_RX_ER valid after RMII[x]_REF_CLK rising edge
2
ns
www.ti.com
AM68A
SPRSP91 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
153
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com