Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments OPA992 Datasheet HTML 14Page - Texas Instruments OPA992 Datasheet HTML 15Page - Texas Instruments OPA992 Datasheet HTML 16Page - Texas Instruments OPA992 Datasheet HTML 17Page - Texas Instruments OPA992 Datasheet HTML 18Page - Texas Instruments OPA992 Datasheet HTML 19Page - Texas Instruments OPA992 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ (unless otherwise noted)
Time (2 µs/div)
-20
-10
0
10
20
D033
Input
Output
CL = 20 pF, G = 1, 20-mVpp step response
Figure 6-37. Small-Signal Step Response
Time (2 µs/div)
-20
-10
0
10
20
D054
Input
Output
CL = 20 pF, G = –1, 20-mVpp step response
Figure 6-38. Small-Signal Step Response
Time (2 µs/div)
-4
-3
-2
-1
0
1
2
3
4
D034
Input
Output
CL = 20 pF, G = 1, 5-Vpp step response
Figure 6-39. Large-Signal Step Response
Time (2 µs/div)
-4
-3
-2
-1
0
1
2
3
4
D055
Input
Output
CL = 20 pF, G = –1, 5-Vpp step response
Figure 6-40. Large-Signal Step Response
Frequency (Hz)
0
5
10
15
20
25
30
35
40
45
100
1k
10k
100k
1M
10M
100M
D009
Vs=40V
Vs=16V
Vs=2.7V
Figure 6-41. Maximum Output Voltage vs Frequency
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
100
1k
10k
100k
1M
10M
D011
Figure 6-42. Channel Separation vs Frequency
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9C – AUGUST 2022 – REVISED FEBRUARY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com