Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 2 Page - Texas Instruments

  OPA992 Datasheet HTML 1Page - Texas Instruments OPA992 Datasheet HTML 2Page - Texas Instruments OPA992 Datasheet HTML 3Page - Texas Instruments OPA992 Datasheet HTML 4Page - Texas Instruments OPA992 Datasheet HTML 5Page - Texas Instruments OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information for Single Channel .................... 7
6.5 Thermal Information for Dual Channel........................7
6.6 Thermal Information for Quad Channel...................... 7
6.7 Electrical Characteristics.............................................8
6.8 Typical Characteristics.............................................. 10
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................19
7.4 Device Functional Modes..........................................26
8 Application and Implementation.................................. 27
8.1 Application Information............................................. 27
8.2 Typical Applications.................................................. 27
8.3 Power Supply Recommendations.............................28
8.4 Layout....................................................................... 29
9 Device and Documentation Support............................31
9.1 Device Support......................................................... 31
9.2 Documentation Support............................................ 31
9.3 Receiving Notification of Documentation Updates....31
9.4 Support Resources................................................... 31
9.5 Trademarks...............................................................31
9.6 Electrostatic Discharge Caution................................31
9.7 Glossary....................................................................31
10 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (January 2023) to Revision C (February 2023)
Page
• Changed the status of the 5-pin SOT-23 and 8-pin SOIC package from: Preview to: Active ............................ 1
Changes from Revision A (December 2022) to Revision B (January 2023)
Page
• Deleted the preview tag for the SC70-5 (DCK) package.................................................................................... 1
• Added OPA992-Q1 to the ESD Ratings section ................................................................................................ 6
• Changed the values in the Thermal Information table ....................................................................................... 7
• Changed the max room temp offset voltage in Electrical Characteristics section from 1 mV to 1.03 mV.......... 8
Changes from Revision * (August 2022) to Revision A (December 2022)
Page
• Changed the device status from Advance Information to ProdMix ....................................................................1
• Deleted the preview tag for the VSSOP-8 (DGK) package................................................................................ 1
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9C – AUGUST 2022 – REVISED FEBRUARY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com