Electronic Components Datasheet Search
  English  ▼

X  

M24M01-DF Datasheet(PDF) 42 Page - STMicroelectronics

Part # M24M01-DF
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-DF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M24M01-DF Datasheet HTML 38Page - STMicroelectronics M24M01-DF Datasheet HTML 39Page - STMicroelectronics M24M01-DF Datasheet HTML 40Page - STMicroelectronics M24M01-DF Datasheet HTML 41Page - STMicroelectronics M24M01-DF Datasheet HTML 42Page - STMicroelectronics M24M01-DF Datasheet HTML 43Page - STMicroelectronics M24M01-DF Datasheet HTML 44Page - STMicroelectronics M24M01-DF Datasheet HTML 45Page - STMicroelectronics M24M01-DF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Ordering information
M24M01-R M24M01-DF
42/47
DocID12943 Rev 14
10
Ordering information
Table 21. Ordering information scheme
Example:
M24M01 -D
R MN 6
T
P /K
Device type
M24 = I2C serial access EEPROM
Device function
M01 = 1 Mbit (128 K x 8 bit)
Device family
Blank = Without Identification page
D = With Identification page
Operating voltage
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package(1)
1. All packages are ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony-oxide
flame retardants)
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
CS = WLCSP
CX = WLCSP ultra thin
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P = ECOPACK2® (RoHS compliant)
Process(2)
2. The process letters apply to WLCSP device only. These process letters appear on the device package
(marking) and on the shipment box. Please contact your nearest ST Sales Office for further information.
/K = Manufacturing technology code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com