Electronic Components Datasheet Search
  English  ▼

X  

M24M01-DF Datasheet(PDF) 43 Page - STMicroelectronics

Part # M24M01-DF
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-DF Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M24M01-DF Datasheet HTML 39Page - STMicroelectronics M24M01-DF Datasheet HTML 40Page - STMicroelectronics M24M01-DF Datasheet HTML 41Page - STMicroelectronics M24M01-DF Datasheet HTML 42Page - STMicroelectronics M24M01-DF Datasheet HTML 43Page - STMicroelectronics M24M01-DF Datasheet HTML 44Page - STMicroelectronics M24M01-DF Datasheet HTML 45Page - STMicroelectronics M24M01-DF Datasheet HTML 46Page - STMicroelectronics M24M01-DF Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
DocID12943 Rev 14
43/47
M24M01-R M24M01-DF
Ordering information
46
Table 22. Ordering information scheme (unsawn wafer)(1)
Example:
M24M01
-
D
F K W 20
I / 90
Device type
M24 = I2C serial access EEPROM
Device function
M01 = 1Mbit (128 K x 8 bit)
Device family
D = With Identification page
Operating voltage
F = VCC = 1.7 V to 5.5 V
Process
K = F8H
Delivery form
W = Unsawn wafer
Wafer thickness
20 = Non-backlapped wafer
Wafer testing
I = Inkless test
Device grade
90 = -40°C to 85°C
1. For all information concerning the M24M01 delivered in unsawn wafer, please contact your nearest ST
Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com