Electronic Components Datasheet Search
  English  ▼

X  

74HC299DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC299DB
Description  8-bit universal shift register; 3-state
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC299DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC299DB Datasheet HTML 2Page - NXP Semiconductors 74HC299DB Datasheet HTML 3Page - NXP Semiconductors 74HC299DB Datasheet HTML 4Page - NXP Semiconductors 74HC299DB Datasheet HTML 5Page - NXP Semiconductors 74HC299DB Datasheet HTML 6Page - NXP Semiconductors 74HC299DB Datasheet HTML 7Page - NXP Semiconductors 74HC299DB Datasheet HTML 8Page - NXP Semiconductors 74HC299DB Datasheet HTML 9Page - NXP Semiconductors 74HC299DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-bit universal shift register; 3-state
74HC/HCT299
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver (parallel I/Os)
standard (serial outputs)
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min. typ.
max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
CP to Q0, Q7
66
24
19
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH propagation delay
CP to I/On
66
24
19
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.6
tPHL/
propagation delay
MR to Q0, Q7 or I/On
66
24
19
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.7
tPZH
3-state output enable time
OEn to I/On
50
18
14
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.9
tPZL
3-state output enable time
OEn to I/On
41
15
12
130
26
22
165
33
28
195
39
33
ns
2.0
4.5
6.0
Fig.9
tPHZ
3-state output disable time
OEn to I/On
66
24
19
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
Fig.9
tPLZ
3-state output disable time
OEn to I/On
55
20
16
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH output transition time
bus driver (I/On)
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH output transition time
standard (Q0, Q7)
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
master reset pulse width
LOW
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com